Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 1 Page - Texas Instruments

  LP5569ARTWR Datasheet HTML 1Page - Texas Instruments LP5569ARTWR Datasheet HTML 2Page - Texas Instruments LP5569ARTWR Datasheet HTML 3Page - Texas Instruments LP5569ARTWR Datasheet HTML 4Page - Texas Instruments LP5569ARTWR Datasheet HTML 5Page - Texas Instruments LP5569ARTWR Datasheet HTML 6Page - Texas Instruments LP5569ARTWR Datasheet HTML 7Page - Texas Instruments LP5569ARTWR Datasheet HTML 8Page - Texas Instruments LP5569ARTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
VIN
AGND
SCL
SDA
LED0
LED1
LED2
LED3
EN/PWM
CLK
GPIO/TRIG/INT
ADDR
LED4
LED5
LED6
LED7
LED8
C1–
C1+
VOUT
COUT
1 F
CFLY1
1 F
CIN
1 F
µC
C2–
C2+
CFLY2
1 F
V1P8
PGND
2.5 V to 5.5 V
1.8 V
VIN
VIN
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
1
1 Features
1
•
Supply Voltage Range: 2.5 V–5.5 V
•
Nine High-Accuracy Current Sinks
–
25.5 mA Maximum per Channel
–
8-Bit Individual Current Control
–
12-Bit 20-kHz Internal Individual PWM Control
Without Audio Noise
•
Three Programmable LED Engines
–
Independent Illumination Control Without
Active Microcontroller Control
–
Synchronization Among Multiple Devices
–
Up to 256 Instructions in SRAM Memory for
Storing Sequences of Lighting Patterns
–
LP5523- and LP55231-Device-Compatible
Command Set
•
Flexible Dimming Control
–
I2C Dimming Control
–
PWM Direct-Input Dimming
–
PWM Input Frequency: 100-Hz to 20-kHz
•
Adaptive High-Efficiency Charge-Pump Control for
Driving High-VF LEDs With Low Battery Voltage
•
Master Fader Control Allows Dimming of Multiple
LEDs by Writing to Only One Register to Reduce
the I2C Bus Traffic
•
2-µA Low Standby Current and 10-µA in
Automatic Power-Save Mode When LEDs Are
Inactive
•
POR, UVLO, and TSD Protection
2 Applications
LED Lighting, Indicator Lights, and Fun Lights for:
•
Smart Speaker
•
Smart Home Appliance
•
Doorbell
•
Electric Lock
•
Smoke Detector
•
Thermostat
•
Set-Top Box
•
Smart Router
•
Bluetooth® Headset
•
Cell Phone
3 Description
The LP5569 device is a programmable, easy-to-use
9-channel I2C LED driver designed to produce lighting
effects for various applications. The LED driver is
equipped with an internal SRAM memory for user-
programmed sequences and three programmable
LED
engines,
which
allow
operation
without
processor control. Autonomous operation reduces
system power consumption when the processor is put
in sleep mode.
A high-efficiency charge pump enables the driving of
LEDs with high VF, even with 2.5-V input voltage. The
LP5569 LED driver maintains good efficiency over a
wide operational voltage range by autonomously
selecting the best charge-pump gain based on LED
forward voltage requirements.
The LP5569 device enters power-save mode when
LEDs
are
not
active,
lowering
idle-current
consumption considerably. A flexible digital interface
allows the connection of up to eight LP5569 devices
with a unique I2C slave address for each device in
the same system, which supports synchronization of
the lighting effects among all devices.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5569
WQFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP5569ARTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5569ARTWR TI2-LP5569ARTWR Datasheet
2Mb / 93P
LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
REVISED SEPTEMBER 2017
LP5569ARTWR.A TI2-LP5569ARTWR.A Datasheet
2Mb / 93P
LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
REVISED SEPTEMBER 2017
LP5569ARTWRG4 TI2-LP5569ARTWRG4 Datasheet
2Mb / 93P
LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
REVISED SEPTEMBER 2017
LP5569ARTWRG4.A TI2-LP5569ARTWRG4.A Datasheet
2Mb / 93P
LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
REVISED SEPTEMBER 2017
More results

Similar Description - LP5569ARTWR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
Analog Devices
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
3 channel LED driver with Charge Pump
logo
Linear Technology
LTC3212 LINER-LTC3212_15 Datasheet
820Kb / 12P
RGB LED Driver and Charge Pump
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com