Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 49Page - Texas Instruments LP5569ARTWR Datasheet HTML 50Page - Texas Instruments LP5569ARTWR Datasheet HTML 51Page - Texas Instruments LP5569ARTWR Datasheet HTML 52Page - Texas Instruments LP5569ARTWR Datasheet HTML 53Page - Texas Instruments LP5569ARTWR Datasheet HTML 54Page - Texas Instruments LP5569ARTWR Datasheet HTML 55Page - Texas Instruments LP5569ARTWR Datasheet HTML 56Page - Texas Instruments LP5569ARTWR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
53
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6.1.25 LED3_CURRENT Register (Address = 25h) [reset = AFh]
LED3_CURRENT is shown in Figure 51 and described in Table 40.
Return to Summary Table.
LED3 Current Register
LED3 driver output current control register. The resolution is 8 bits, and step size is 100 μA.
Figure 51. LED3_CURRENT Register
7
6
5
4
3
2
1
0
current3
R/W-AFh
Table 40. LED3_CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
current3
R/W
AFh
00h = 0.0 mA
01h = 0.1 mA
...
AFh = 17.5 mA (default)
...
FFh = 25.5 mA
8.6.1.26 LED4_CURRENT Register (Address = 26h) [reset = AFh]
LED4_CURRENT is shown in Figure 52 and described in Table 41.
Return to Summary Table.
LED4 Current Register
LED4 driver output current control register. The resolution is 8 bits, and step size is 100 μA.
Figure 52. LED4_CURRENT Register
7
6
5
4
3
2
1
0
current4
R/W-AFh
Table 41. LED4_CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
current4
R/W
AFh
00h = 0.0 mA
01h = 0.1 mA
...
AFh = 17.5 mA (default)
...
FFh = 25.5 mA
8.6.1.27 LED5_CURRENT Register (Address = 27h) [reset = AFh]
LED5_CURRENT is shown in Figure 53 and described in Table 42.
Return to Summary Table.
LED5 Current Register
LED5 driver output current control register. The resolution is 8 bits, and step size is 100 μA.
Figure 53. LED5_CURRENT Register
7
6
5
4
3
2
1
0
current5
R/W-AFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com