Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 72 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 68Page - Texas Instruments LP5569ARTWR Datasheet HTML 69Page - Texas Instruments LP5569ARTWR Datasheet HTML 70Page - Texas Instruments LP5569ARTWR Datasheet HTML 71Page - Texas Instruments LP5569ARTWR Datasheet HTML 72Page - Texas Instruments LP5569ARTWR Datasheet HTML 73Page - Texas Instruments LP5569ARTWR Datasheet HTML 74Page - Texas Instruments LP5569ARTWR Datasheet HTML 75Page - Texas Instruments LP5569ARTWR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
72
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 106. PROGRAM_MEM_29 Register
7
6
5
4
3
2
1
0
cmd14_lsb
R/W-0h
Table 95. PROGRAM_MEM_29 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd14_lsb
R/W
0h
Program memory data
8.6.1.81 PROGRAM_MEM_30 Register (Address = 6Eh) [reset = 0h]
PROGRAM_MEM_30 is shown in Figure 107 and described in Table 96.
Return to Summary Table.
Program Memory 30 Register
Figure 107. PROGRAM_MEM_30 Register
7
6
5
4
3
2
1
0
cmd15_msb
R/W-0h
Table 96. PROGRAM_MEM_30 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd15_msb
R/W
0h
Program memory data
8.6.1.82 PROGRAM_MEM_31 Register (Address = 6Fh) [reset = 0h]
PROGRAM_MEM_31 is shown in Figure 108 and described in Table 97.
Return to Summary Table.
Program Memory 31 Register
Figure 108. PROGRAM_MEM_31 Register
7
6
5
4
3
2
1
0
cmd15_lsb
R/W-0h
Table 97. PROGRAM_MEM_31 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd15_lsb
R/W
0h
Program memory data
8.6.1.83 ENGINE1_MAPPING1 Register (Address = 70h) [reset = 0h]
ENGINE1_MAPPING1 is shown in Figure 109 and described in Table 98.
Return to Summary Table.
Engine1 Mapping1 Register
Figure 109. ENGINE1_MAPPING1 Register
7
6
5
4
3
2
1
0
RESERVED
eng1_map_ma
ster_fader1
eng1_map_led
8
R-0h
R-0h
R-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com