Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 28Page - Texas Instruments LP5569ARTWR Datasheet HTML 29Page - Texas Instruments LP5569ARTWR Datasheet HTML 30Page - Texas Instruments LP5569ARTWR Datasheet HTML 31Page - Texas Instruments LP5569ARTWR Datasheet HTML 32Page - Texas Instruments LP5569ARTWR Datasheet HTML 33Page - Texas Instruments LP5569ARTWR Datasheet HTML 34Page - Texas Instruments LP5569ARTWR Datasheet HTML 35Page - Texas Instruments LP5569ARTWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
32
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
These instructions are compatible with LP5523 and LP55231 mux_* LED mapping instructions.
(2)
Absolute address
(3)
Only values 1 through 9 are valid, any other value results in no LED driver selected.
Table 11. LP5569 LED Mapping Instructions
INST. (1)
Bit
[15]
Bit
[14]
Bit
[13]
Bit
[12]
Bit
[11]
Bit
[10]
Bit [9]
Bit
[8]
Bit
[7]
Bit [6]
Bit
[5]
Bit
[4]
Bit [3]
Bit [2]
Bit
[1]
Bit [0]
load_start
1
0
0
1
1
1
1
0
0
SRAM addresses 0–127(2)
map_start
1
0
0
1
1
1
0
0
0
SRAM addresses 0–127(2)
load_end
1
0
0
1
1
1
0
0
1
SRAM addresses 0–127(2)
map_sel
1
0
0
1
1
1
0
1
0
LED select(3)
map_clr
1
0
0
1
1
1
0
1
0
0
0
0
0
0
0
0
map_next
1
0
0
1
1
1
0
1
1
0
0
0
0
0
0
0
map_prev
1
0
0
1
1
1
0
1
1
1
0
0
0
0
0
0
load_next
1
0
0
1
1
1
0
1
1
0
0
0
0
0
0
1
load_prev
1
0
0
1
1
1
0
1
1
1
0
0
0
0
0
1
load_addr
1
0
0
1
1
1
1
1
0
SRAM addresses 0–127(2)
map_addr
1
0
0
1
1
1
1
1
1
SRAM addresses 0–127(2)
8.5.2.5.1
LOAD_START and LOAD_END
The load_start and load_end instructions define the mapping table locations in SRAM.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0–127
Mapping table start or end address restricted to lower half of memory.
8.5.2.5.2
MAP_START
The map_start instruction defines the mapping table start address in the memory, and the first row of the table is
activated (mapped) at the same time.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0–127
Mapping table start address restricted to lower half of memory.
8.5.2.5.3
MAP_SEL
With the map_sel instruction one, and only one, LED driver can be connected to a program execution engine.
Connecting multiple LEDs to one engine is done with the mapping table. After the mapping has been released
from an LED, the PWM register value still controls the LED brightness.
NAME
VALUE (d)
DESCRIPTION
LED select
0–127
0 = no drivers selected
1 = LED1 selected
2 = LED1 selected
...
9 = LED9 selected
10–127 = no drivers selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com