Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 27Page - Texas Instruments LP5569ARTWR Datasheet HTML 28Page - Texas Instruments LP5569ARTWR Datasheet HTML 29Page - Texas Instruments LP5569ARTWR Datasheet HTML 30Page - Texas Instruments LP5569ARTWR Datasheet HTML 31Page - Texas Instruments LP5569ARTWR Datasheet HTML 32Page - Texas Instruments LP5569ARTWR Datasheet HTML 33Page - Texas Instruments LP5569ARTWR Datasheet HTML 34Page - Texas Instruments LP5569ARTWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
PWM Register 0
PWM Register 1
PWM Register 2
PWM Register 3
PWM Register 4
PWM Register 5
PWM Register 6
PWM Register 7
PWM Register 8
LED0
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
I
2C
8-bit [11:4]
12-bit
12-bit PWM
8-bit Current
12-bit
EN=0/1
Engine 1
Engine 2
Engine 3
8-bit
8-bit [11:4]
12-bit
Copyright © 2016, Texas Instruments Incorporated
31
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 26. LED Data Flow
All LED mapping instructions use the SRAM bit to LEDx pin mapping as shown in Table 10.
Table 10. LED Mapping Bits in SRAM
Bit
[15]
Bit
[14]
Bit
[13]
Bit
[12]
Bit
[11]
Bit
[10]
Bit
[9]
Bit [8]
Bit[7
]
Bit[6]
Bit[5
]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit 0
LED
mapping
table in
SRAM
—
—
—
—
—
—
0
LED8
LED
7
LED6
LED
5
LED4
LED3
LED2
LED1
LED0
Bit[9] is to enable master fader control by the engine. If this bit is set to 1 in engine 1, then master fader 1 is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com