Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 75 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 71Page - Texas Instruments LP5569ARTWR Datasheet HTML 72Page - Texas Instruments LP5569ARTWR Datasheet HTML 73Page - Texas Instruments LP5569ARTWR Datasheet HTML 74Page - Texas Instruments LP5569ARTWR Datasheet HTML 75Page - Texas Instruments LP5569ARTWR Datasheet HTML 76Page - Texas Instruments LP5569ARTWR Datasheet HTML 77Page - Texas Instruments LP5569ARTWR Datasheet HTML 78Page - Texas Instruments LP5569ARTWR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
75
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 102. ENGINE3_MAPPING1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–2
RESERVED
R
0h
1
eng3_map_master_fader3 R
0h
0 = Program execution engine 3 master fader disabled.
1 = Program execution engine 3 master fader enabled.
0
eng3_map_led8
R
0h
0 = LED8 is not mapped to the program execution engine 3.
1 = LED8 is mapped to the program execution engine 3.
8.6.1.88 ENGINE3_MAPPING2 Register (Address = 75h) [reset = 0h]
ENGINE3_MAPPING2 is shown in Figure 114 and described in Table 103.
Return to Summary Table.
Engine3 Mapping2 Register
Figure 114. ENGINE3_MAPPING2 Register
7
6
5
4
3
2
1
0
eng3_map_led
7
eng3_map_led
6
eng3_map_led
5
eng3_map_led
4
eng3_map_led
3
eng3_map_led
2
eng3_map_led
1
eng3_map_led
0
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 103. ENGINE3_MAPPING2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
eng3_map_led7
R
0h
0 = LED7 is not mapped to program execution engine 3.
1 = LED7 is mapped to program execution engine 3.
6
eng3_map_led6
R
0h
0 = LED6 is not mapped to program execution engine 3.
1 = LED6 is mapped to program execution engine 3.
5
eng3_map_led5
R
0h
0 = LED5 is not mapped to program execution engine 3.
1 = LED5 is mapped to program execution engine 3.
4
eng3_map_led4
R
0h
0 = LED4 is not mapped to program execution engine 3.
1 = LED4 is mapped to program execution engine 3.
3
eng3_map_led3
R
0h
0 = LED3 is not mapped to program execution engine 3.
1 = LED3 is mapped to program execution engine 3.
2
eng3_map_led2
R
0h
0 = LED2 is not mapped to program execution engine 3.
1 = LED2 is mapped to program execution engine 3.
1
eng3_map_led1
R
0h
0 = LED1 is not mapped to program execution engine 3.
1 = LED1 is mapped to program execution engine 3.
0
eng3_map_led0
R
0h
0 = LED0 is not mapped to program execution engine 3.
1 = LED0 is mapped to program execution engine 3.
8.6.1.89 PWM_CONFIG Register (Address = 80h) [reset = 4h]
PWM_CONFIG is shown in Figure 115 and described in Table 104.
Return to Summary Table.
PWM Configuration Register
Figure 115. PWM_CONFIG Register
7
6
5
4
3
2
1
0
pwm_min_pulse_width
RESERVED
pwm_input_edg
e_sel
pwm_input_hysteresis
R/W-0h
R/W-0h
R/W-0h
R/W-4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com