Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 26Page - Texas Instruments LP5569ARTWR Datasheet HTML 27Page - Texas Instruments LP5569ARTWR Datasheet HTML 28Page - Texas Instruments LP5569ARTWR Datasheet HTML 29Page - Texas Instruments LP5569ARTWR Datasheet HTML 30Page - Texas Instruments LP5569ARTWR Datasheet HTML 31Page - Texas Instruments LP5569ARTWR Datasheet HTML 32Page - Texas Instruments LP5569ARTWR Datasheet HTML 33Page - Texas Instruments LP5569ARTWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
30
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Valid for numerical operands
(2)
Valid for variables
8.5.2.4.3
Set_PWM
This instruction is used for setting the PWM value on outputs LED0 to LED8 without any ramps. Set the PWM
output value from 0 to 255 with PWM value bits [7:0]. Instruction execution takes 16 32-kHz clock cycles
(= 488 µs).
NAME
VALUE (d)
DESCRIPTION
PWM value(1)
0–255
PWM output duty cycle 0–100%
variable(2)
0–3
0 = local variable A
1 = local variable B
2 = global variable C
3 = global variable D
8.5.2.4.4
Wait
When a wait instruction is executed, the engine is set in wait status, and the PWM values on the outputs are
frozen. Note: A wait instruction with prescale and time = 0 is invalid and is executed as rst.
NAME
VALUE (d)
DESCRIPTION
prescale
0
Divide master clock (32.7 kHz) by 16 which means 0.488 ms cycle time.
1
Divide master clock (32.7 kHz) by 512 which means 15.625 ms cycle time.
time
1–31
Total wait time is = (time) × (prescale). Maximum 484 ms, minimum 0.488 ms.
8.5.2.5 LED Mapping Instructions
These instructions define the engine-to-LED mapping. The mapping information is stored in a table, which is
stored in the lower half of SRAM (program memory of the LP5569 device). The LP5569 device has three
program execution engines which can be mapped to nine LED drivers. One engine can control one or multiple
LED drivers. Execution engine 1 has priority over execution engines 2 and 3, with execution engine 2 having
priority over execution engine 3. If an LED is mapped to more than one execution engine, the higher-priority
engine controls the LED.
LED mapping instructions can be divided to two groups:
•
Instructions that activate LED mapping to a certain row of the table (map_ instructions).
•
Instructions that DO NOT activate the actual LED mapping but just shift the mapping-table pointer (load_
instructions).
Activating instructions are map_start, map_sel, map_clr, map_next, map_prev and map_addr. Instructions
load_start, load_end, load_next, load_prev and load_addr do not activate the LED mapping. Mapping table and
master fader bits can be read from I2C registers 70h–75h but are written only via engine instructions.
When an engine is actively mapped to the LEDs, the engine takes over the LED PWM control, and PWM control
registers have no effect. Register control is returned when the engine is mapped to another LED. See Figure 26
for a simplified diagram of LED-engine data flow. The engine does not push a new PWM value to the LED driver
output before the set_pwm or ramp instruction is executed. If the mapping has been released from an LED, the
value in the PWM register still controls the LED brightness, and the PWM register value remains in the last
engine state.
Actual PWM control resolution of the LED engines is 12 bits, but only the 8 highest bits are visible in the I2C
registers. Also, engine commands use the 8 high bits for control, and the 4 low bits are used for smoother ramps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com