Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 5 Page - Texas Instruments

  LP5569ARTWR Datasheet HTML 1Page - Texas Instruments LP5569ARTWR Datasheet HTML 2Page - Texas Instruments LP5569ARTWR Datasheet HTML 3Page - Texas Instruments LP5569ARTWR Datasheet HTML 4Page - Texas Instruments LP5569ARTWR Datasheet HTML 5Page - Texas Instruments LP5569ARTWR Datasheet HTML 6Page - Texas Instruments LP5569ARTWR Datasheet HTML 7Page - Texas Instruments LP5569ARTWR Datasheet HTML 8Page - Texas Instruments LP5569ARTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
5
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VOUT cannot be forced to a power supply during device shutdown.
7 Specifications
7.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage on VIN, CLK, ADDR, EN/PWM, GPIO/TRIG/INT, SCL, SDA,
VOUT(2)
–0.3
6
V
Voltage on LED0 to LED8, C1–, C2–, C1+, C2+
−0.3
VVIN + 0.3 V with 6 V max.
V
Voltage on V1P8
−0.3
2
V
Continuous power dissipation
Internally limited
Internally limited
Junction temperature, TJ-MAX
–40
125
°C
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±250
(1)
In applications where high power dissipation and/or poor PCB cooling status is present, the maximum ambient temperature might
require derating. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
device in the application (RθJA), as given by the equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage on VIN
2.5
5.5
V
Voltage on LED0 to LED8, C1–, C2–, C1+, C2+, VOUT
0
VVIN
V
Voltage on CLK, ADDR, EN/PWM, GPIO/TRIG/INT, SDA, SCL
0
VVIN
V
Input voltage on V1P8
1.65
1.95
V
Output current on VOUT
0
160
mA
Operating ambient temperature, TA
(1)
−40
85
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
7.4 Thermal Information
THERMAL METRIC(1)
LP5569
UNIT
RTW (WQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
35.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.7
°C/W
RθJB
Junction-to-board thermal resistance
13.1
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
13.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com