Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 26Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ADA4625-1
Data Sheet
Rev. 0 | Page 26 of 30
Design Example
As a design example, Figure 81 shows the ADA4625-1 configured
as a TIA amplifier in a photodiode preamp application. Assuming
the photodiode has a CD of 5 pF and an ID of 200 μA, and the
desired full-scale VOUT is 10 V, and using Equation 1, RF is 50 kΩ.
0.1µF
+15V
49.9kΩ
VOUT
1kΩ
2.2pF
ADA4625-1
Figure 81. Single-Supply TIA Circuit Using the ADA4625-1
The ADA4625-1 input capacitance (CCM + CDM) is 19.9 pF;
therefore, the total input capacitance (CIN) is 24.9 pF. By
substituting CIN = 24.9 pF, RF = 50 kΩ, and fGBP = 18 MHz into
Equation 7 and Equation 9, the resulting feedback capacitor
value (CF) and the −3 dB signal bandwidth (fP) are 2.2 pF and
1.45 MHz, respectively.
Figure 82 and Figure 83 show the compensations of the TIA circuit.
The system has a bandwidth of 1.45 MHz when it is maximized
for a signal bandwidth with CF = 2.2 pF. Increasing CF to 3.9 pF
reduces the bandwidth to 0.82 MHz; however, it greatly reduces the
overshoot (see Figure 84). In practice, an optimum CF value is
determined experimentally by varying it slightly to optimize the
output pulse response.
1
10
100
1k
10k
100k
1M
–20
0
20
40
60
80
100
1k
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
OPEN-LOOP
GAIN
NOISE GAIN
I-V GAIN
Figure 82. Compensating the TIA, CF = 2.2pF
1
10
100
1k
10k
100k
1M
–20
0
20
40
60
80
100
1k
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
OPEN-LOOP
GAIN
NOISE GAIN
I-V GAIN
Figure 83. Compensating the TIA, CF = 3.9 pF
–50
0
50
100
150
TIME(1µS/DIV)
CF =3.9pF
CF =2.2pF
Figure 84. Pulse Response vs. CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com