Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ADA4625-1
Data Sheet
Rev. 0 | Page 12 of 30
100
10
1
0.1
0.001
100
IOUT SINK (mA)
0.01
0.1
1
10
VSY = ±18V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 22. Dropout Voltage (VOUT − (V−)) vs. IOUT Sink for Various
Temperatures, VSY = ±18 V
120
–40
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
–20
0
20
40
60
80
100
270
225
180
135
90
45
0
–45
–90
VSY = ±18V
RL = 1kΩ
CL = 300pF
CL = 100pF
CL = 0pF
Figure 23. Open-Loop Gain and Phase vs. Frequency, VSY = ±18 V
10
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
60
–20
–10
10
0
20
30
40
50
VSY = ±18V
AV = 100
AV = 10
AV = 1
Figure 24. Gain vs. Frequency for Various Closed-Loop Gains, VSY = ±18 V
10
1
0.1
0.001
0.01
0.1
10
1100
IOUT SINK (mA)
VSY = 5V
VCM = 1.5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 25. (VOUT − (V−)) vs. IOUT Sink for Various Temperatures, VSY = 5 V
120
–40
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
–20
0
20
40
60
80
100
VSY = 5V
RL = 1kΩ
CL = 300pF
CL = 100pF
CL = 0pF
270
225
180
135
90
45
0
–45
–90
Figure 26. Open-Loop Gain and Phase vs. Frequency, VSY = 5 V
10
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
60
–20
–10
10
0
20
30
40
50
VSY = 5V
AV = 100
AV = 10
AV = 1
Figure 27. Gain vs. Frequency for Various Closed-Loop Gains, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com