Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 9 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCM = 0 V, unless otherwise noted.
50
0
–100
100
VOS (µV)
10
20
30
40
–75
–50
–25
0
25
50
75
VSY = ±18V
RL = ∞
Figure 4. Input Offset Voltage (VOS) Distribution, Supply Voltage (VSY) = ±18 V
70
0
–2.0
2.0
TCVOS (µV/°C)
10
20
30
40
50
60
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
VSY = ±18V
Figure 5. TCVOS Distribution (−40°C to +125°C ), VSY = ±18 V
600
400
–600
–18.2
16.8
VCM (V)
–400
–200
0
200
–13.2
–8.2
–3.2
1.8
6.8
11.8
VSY = ±18V
90 AMPLIFIERS
Figure 6. VOS vs. Common-Mode Voltage (VCM), VSY = ±18 V
25
20
15
10
5
0
–400
400
VOS (µV)
–300
–200
–100
0
100
200
300
VSY = 5V
VCM = 1.5V
RL = ∞
Figure 7. VOS Distribution, VSY = 5 V
45
0
–2.0
2.0
5
10
15
20
25
30
35
40
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
TCVOS (µV/°C)
VSY = 5V
VCM = 1.5V
Figure 8. TCVOS Distribution (−40°C to +125°C ), VSY = 5 V
1000
–1000
–0.2
3.4
–800
–600
–400
–200
0
200
400
600
800
0.20.61.01.41.82.22.63.0
VCM (V)
VSY = 5V
90 AMPLIFIERS
Figure 9. VOS vs. VCM, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com