Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ADA4625-1
Data Sheet
Rev. 0 | Page 10 of 30
25
–25
–40
125
TEMPERATURE (°C)
–20
–15
–10
–5
0
5
10
15
20
–25 –10
5
2035
506580
95
110
VSY = 5V, VCM = 1.5V
VSY = ±18V
Figure 10. VOS vs. Temperature
120
100
80
60
40
20
0
–60
10
IB (pA)
–50
–40
–30
–20
–10
0
VSY = ±18V
RL = ∞
Figure 11. Input Bias Current (IB) Distribution, VSY = ±18 V
90
0
–40
40
IOS (pA)
VSY = ±18V
RL = ∞
10
20
30
40
50
60
70
80
–30
–20
–10
0
10
20
30
Figure 12. Input Offset Current (IOS) Distribution, VSY = ±18 V
200
–1600
0
–40
125
TEMPERATURE (°C)
–1400
–1200
–1000
–800
–600
–400
–200
–25 –10
5
203550
658095
110
VSY = 5V, VCM = 1.5V
VSY = ±18V
Figure 13. IB vs. Temperature
120
100
80
60
40
20
0
–60
10
IB (pA)
–50
–40
–30
–20
–10
0
VSY = 5V
VCM = 1.5V
RL = ∞
Figure 14. IB Distribution, VSY = 5 V
90
0
–40
40
IOS (pA)
10
20
30
40
50
60
70
80
–30
–20
–10
0
10
20
30
VSY = 5V
VCM = 1.5V
RL = ∞
Figure 15. IOS Distribution, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com