Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 13 of 30
1000
0.001
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
0.01
0.1
1
10
100
VSY = ±18V
AV = 100
AV = 10
AV = 1
Figure 28. Output Impedance (ZOUT) vs. Frequency, VSY = ±18 V
10
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
VSY = ±18V
100
–20
0
20
40
60
80
–PSRR
+PSRR
Figure 29. Power Supply Rejection Ration (PSRR) vs. Frequency, VSY = ±18 V
140
20
100M
1G
FREQUENCY (Hz)
40
60
80
100
120
10M
10G
VSY = 5V
VSY = ±18V
Figure 30. EMI Rejection Ratio (EMIRR) vs. Frequency
1000
0.001
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
0.01
0.1
1
10
100
VSY = 5V
AV = 100 A
V = 10
AV = 1
Figure 31. ZOUT vs. Frequency, VSY = 5 V
10
100
1k
10k
100k
10M
1M
100M
FREQUENCY (Hz)
100
–20
0
20
40
60
80
VSY = 5V
VCM = 1.5V
–PSRR
+PSRR
Figure 32. PSRR vs. Frequency, VSY = 5 V
140
60
–40
125
TEMPERATURE (°C)
70
80
90
100
110
120
130
–25 –10
5
20
35
50
65
80
95
110
VSY = ±5V TO ±18V
VSY = +4.5V TO +10V
Figure 33. PSRR vs.Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com