Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4625-1ARDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 5 of 30
ELECTRICAL CHARACTERISTICS—5 V OPERATION
VSY = 5 V, VCM = 1.5 V, VOUT = VSY/2, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
±0.1
±0.6
mV
−40°C < TA < +125°C
±1.0
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +85°C
±0.4
±2.6
μV/°C
−40°C < TA < +125°C
±0.7
±3.6
μV/°C
Input Bias Current
IB
±15
±50
pA
−40°C < TA < +125°C
±3.5
nA
Input Offset Current
IOS
±2
±50
pA
−40°C < TA < +125°C
±150
pA
Input Voltage Range
IVR
−0.2
+1.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 1.5 V
74
90
dB
−40°C < TA < +125°C
70
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ to V−, VOUT = 0.35 V to 4.65 V
130
145
dB
−40°C < TA < +125°C
120
dB
RL = 600 Ω to V−, VOUT = 0.5 V to 4.5 V
120
130
dB
−40°C < TA < +125°C
110
dB
Input Capacitance
CDM
Differential mode
12.1
pF
CCM
Common mode
16.3
pF
Input Resistance
RDM
Differential mode
1012
Ω
RCM
Common mode, VCM from 0 V to 1.5 V
1012
Ω
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to V−
4.75
4.82
V
−40°C < TA < +125°C
4.7
V
RL = 600 Ω to V−
4.65
4.74
V
−40°C < TA < +125°C
4.55
V
Output Voltage Low
VOL
RL = 2 kΩ to V+
0.17
0.22
V
−40°C < TA < +125°C
0.3
V
RL = 600 Ω to V+
0.25
0.3
V
−40°C < TA < +125°C
0.45
V
Output Current
IOUT
VDROPOUT < 1 V
±33
mA
Short-Circuit Current
ISC
±46
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = +1
2
Ω
AV = +10
18
Ω
AV = +100
29
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 4.5 V to 10 V
80
97
dB
−40°C < TA < +125°C
75
dB
Supply Current per Amplifier
ISY
VOUT = 0 V
3.9
4.3
mA
−40°C < TA < +125°C
4.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com