Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 26Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
ADA4625-1
Data Sheet
Rev. 0 | Page 28 of 30
RECOMMENDED POWER SOLUTION
Analog Devices has a wide range of power management
products to meet the requirements of most high performance
signal chains.
For a dual-supply application, the ADA4625-1 typically needs a
±15 V supply. Low dropout (LDO) linear regulators such as the
ADP7118 or the ADP7142 for the positive supply and the
ADP7182 for the negative supply help improve the PSRR at
high frequency and generate a low noise power rail. In addition,
if a negative supply is not available, the ADP5070 can generate
the negative supply from a positive supply. Figure 85 shows an
example of this power solution configuration for the ADA4625-1.
ADP5070
ADP7118
ADP7182
+12V
+16V
+15V
–15V
–16V
Figure 85. Power Solution Configuration for the ADA4625-1
Table 8. Recommended Power Management Devices
Product
Description
ADP5070
DC-to-dc switching regulator with independent
positive and negative outputs
ADP7118
20 V, 200 mA, low noise, CMOS LDO linear regulator
ADP7142
40 V, 200 mA, low noise, CMOS LDO linear regulator
ADP7182
−28 V, −200 mA, low noise, linear regulator
It is recommended to use a low ESR, 0.1 μF bypass capacitor close
to each power supply pins of the ADA4625-1 and ground to
reduce errors coupling in from the power supplies. For noisy
power supplies, place an additional 10 μF capacitor in parallel
with the 0.1 μF for better performance.
INPUT OVERVOLTAGE PROTECTION
The ADA4625-1 has internal protective circuitry that allows
voltages as high as 0.2 V beyond the supplies to be applied at the
input of either terminal without causing damage. For higher
input voltages, a series resistor is necessary to limit the input
current. Determine the resistor value by
(VIN − VS)/RS ≤ 20 mA
where:
VIN is the input voltage.
VS is the voltage of either V+ or V−.
RS is the series resistor.
With a very low bias current of <5.5 nA up to 125°C, higher
resistor values can be used in series with the inputs. A 500 Ω
resistor protects the inputs from voltages as high as 10 V beyond
the supplies and adds less than 2.75 μV to the offset. However,
note that the added series resistor (RS) may increase the overall
noise and lower the bandwidth due to the addition of a pole
introduced by RS and the input capacitor of the amplifier.
DRIVING CAPACITIVE LOADS
The inherent output resistance of the op amp combined with a
capacitive load forms an additional pole in the transfer function
of the amplifier. Adding capacitance to the output of any op amp
results in additional phase lag. This lag reduces stability and
leads to overshoot or oscillation, which is a common situation
when an amplifier is used to drive the input of switched
capacitor analog-to-digital converters (ADCs).
The ADA4625-1 has a high phase margin and low output
impedance and is capable of directly driving a capacitive load
up to 1 nF with no external compensation at unity-gain without
oscillation.
For other considerations and various circuit solutions, see the
Ask the Applications Engineer-25, Op Amps Driving Capacitive
Loads Analog Dialogue article.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com