Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4625-1ARDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 3 of 30
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—±18 V OPERATION
Supply voltage (VSY) = ±18 V, common-mode voltage (VCM) = output voltage (VOUT) = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
±15
±80
μV
−40°C < TA < +125°C
±250
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +85°C
±0.2
±1.2
μV/°C
−40°C < TA < +125°C
±0.5
±2.1
μV/°C
Input Bias Current
IB
±15
±75
pA
−40°C < TA < +125°C
±5.5
nA
Input Offset Current
IOS
±2
±50
pA
−40°C < TA < +125°C
±0.4
nA
Input Voltage Range
IVR
−18.2
+14.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −18.2 V to +14.5 V
97
115
dB
−40°C < TA < +125°C
94
dB
VCM = −18.2 V to +12 V
115
130
dB
−40°C < TA < +125°C
110
dB
Large Signal Voltage Gain
AVO
Load resistance (RL) = 2 kΩ, VOUT = −17.5 V
to +17.5 V
140
150
dB
−40°C < TA < +125°C
135
dB
RL = 600 Ω, VOUT = −15 V to +15 V
130
135
dB
−40°C < TA < +125°C
115
dB
Input Capacitance
CDM
Differential mode
8.6
pF
CCM
Common mode
11.3
pF
Input Resistance
RDM
Differential mode
1012
Ω
RCM
Common mode, VCM from −18 V to +12 V
1012
Ω
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ
17.65
17.72
V
−40°C < TA < +125°C
17.5
V
RL = 600 Ω
17.0
17.28
V
−40°C < TA < +125°C
16.75
V
Output Voltage Low
VOL
RL = 2 kΩ
−17.74
−17.70
V
−40°C < TA < +125°C
−17.5
V
RL = 600 Ω
−17.4
−17.0
V
−40°C < TA < +125°C
−16.85
V
Output Current
IOUT
Dropout voltage (VDROPOUT) < 1 V
±33
mA
Short-Circuit Current
ISC
±46
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, closed-loop gain (AV) = +1
2
Ω
AV = +10
18
Ω
AV = +100
29
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = ±5 V to ±18 V
105
120
dB
−40°C < TA < +125°C
102
dB
Supply Current per Amplifier
ISY
VOUT = 0 V
4.0
4.5
mA
−40°C < TA < +125°C
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com