Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4625-1ARDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
36 V, 18 MHz, Low Noise, Fast Settling
Single Supply, RRO, JFET Op Amp
Data Sheet
ADA4625-1
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide gain bandwidth product: 18 MHz typical
High slew rate: 48 V/μs typical
Low voltage noise density: 3.3 nV/√Hz typical at 1 kHz
Low peak-to-peak noise: 0.15 μV p-p, 0.1 Hz to 10 Hz
Low input bias current: ±15 pA typical at TA = 25°C
Low offset voltage: ±80 μV maximum at TA = 25°C
Offset voltage drift: ±1.2 μV/°C maximum at TA = −40°C to 85°C
Fast settling: 0.01% in 700 ns typical
Wide range of operating voltages
Dual-supply operation: ±2.5 V to ±18 V
Single-supply operation: 5 V to 36 V
Input voltage range includes V−
Rail-to-rail output
High capacitive load drive capability
Output short-circuit current: ±46 mA
No phase reversal
Unity-gain stable
APPLICATIONS
PLL filter amplifiers
Transimpedance amplifiers
Photodiode sensor interfaces
Low noise charge amplifiers
GENERAL DESCRIPTION
The ADA4625-1 builds upon Analog Devices, Inc., industry
leading high voltage, single-supply, rail-to-rail output (RRO),
precision junction field effect transistor (JFET) input op amps,
taking that product type to a level of speed and low noise that
has not been made available to the market previously.
The ADA4625-1 provides optimal performance in high voltage,
high gain, and low noise applications. The input common-mode
voltage range includes the negative supply, and the output
swings rail to rail. This enables the user to maximize dynamic
input range in low voltage, single supply applications without
the need for a separate negative voltage power supply for
ground sense.
The combination of wide bandwidth, low noise, and low input
bias current makes the ADA4625-1 especially suitable for
phase-locked loop (PLL), active filter amplifiers and for high
tuning voltage (VTUNE), voltage controlled oscillators (VCOs)
and preamplifiers where low level signals require an amplifier
that provides both high amplification and wide bandwidth.
PIN CONFIGURATION
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
ADA4625-1
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECTION. DO NOT CONNECT TO THIS PIN.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO GND,
V+ OR V– PLANE, OR LEAVE IT FLOATING.
Figure 1.
The ADA4625-1 is unity-gain stable, and there is no phase
reversal when input range exceeds either supply rail by 200 mV.
The output is capable of driving loads up to 1000 pF and/or
600 Ω loads.
The ADA4625-1 is specified for operation over the extended
industrial temperature range of −40°C to +125°C and operates
from +5 V to +36 V (±2.5 V to ±18 V) with specifications at +5 V
and ±18 V. The ADA4625-1 is available in 8-lead SOIC package
with an exposed pad (EPAD).
100
10
1
1
10
100
100k
10k
1k
FREQUENCY (Hz)
VSY = 5V
VSY = ±18V
Figure 2. Voltage Noise Density vs. Frequency
Table 1. Related Precision JFET Operational Amplifiers
Single
Dual
Quad
Not applicable
AD823A
Not applicable
AD8510
AD8512
AD8513
AD8610
AD8620
Not applicable
ADA4610-1
ADA4610-2
ADA4610-4
ADA4622-1
ADA4622-2
ADA4622-4
ADA4627-1/ADA4637-1
Not applicable
Not applicable


Similar Part No. - ADA4625-1ARDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4625-1ARDZ-R7 AD-ADA4625-1ARDZ-R7 Datasheet
1Mb / 35P
36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
6/2019-Rev. 0 to Rev. A
More results

Similar Description - ADA4625-1ARDZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
logo
Fairchild Semiconductor
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
Wideband, Fast Settling Op Amp
REV.C
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
Fast Settling, Video Op Amp
logo
Analog Devices
ADA4625-1 AD-ADA4625-1_V01 Datasheet
1Mb / 35P
36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
6/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com