Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ADA4625-1
Data Sheet
Rev. 0 | Page 18 of 30
100
10
1
1
10
100
100k
10k
1k
FREQUENCY (Hz)
VSY = 5V
VSY = ±18V
Figure 58. Voltage Noise Density vs. Frequency
10
1
0.1
0.01
0.001
0.0001
0.001
0.01
0.1
1
10
AMPLITUDE (V rms)
BW = 80kHz, AV = +1
BW = 80kHz, AV = –1
BW = 500kHz, AV = +1
BW = 500kHz, AV = –1
VSY = ±18V
RL = 2kΩ
FREQUENCY = 1kHz
Figure 59. Total Harmonic Distortion + Noise (THD + N) vs. Amplitude,
VSY = ±18 V (BW Means Bandwidth)
0.1
0.01
0.001
0.0001
20
200
2k
20k
FREQUENCY (Hz)
VSY = ±18V
RL = 2kΩ
VIN = 6V rms
BW = 80kHz, AV = +1
BW = 80kHz, AV = –1
BW = 500kHz, AV = +1
BW = 500kHz, AV = –1
Figure 60. THD + N vs. Frequency, VSY = ±18 V
(BW Means Bandwidth)
TIME (1s/DIV)
VSY = 5V
VSY = ±18V
Figure 61. 0.1 Hz to 10 Hz Noise
10
1
0.1
0.01
0.001
0.0001
0.001
0.01
0.1
1
AMPLITUDE (V rms)
VSY = 5V
RL = 2kΩ
FREQUENCY = 1kHz
BW = 80kHz, AV = +1
BW = 80kHz, AV = –1
BW = 500kHz, AV = +1
BW = 500kHz, AV = –1
Figure 62. THD + N vs. Amplitude, VSY = 5 V
(BW Means Bandwidth)
0.1
0.01
0.001
0.0001
20
200
2k
20k
FREQUENCY (Hz)
VSY = 5V
RL = 2kΩ
VIN = 0.6V rms
BW = 80kHz, AV = +1
BW = 80kHz, AV = –1
BW = 500kHz, AV = +1
BW = 500kHz, AV = –1
Figure 63. THD + N vs. Frequency, VSY = 5 V
(BW Means Bandwidth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com