Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 26Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 23 of 30
ADA4625-1 ADVANTAGES AND DESIGN EXAMPLE
The op amp choice for an active filter affects the key performance
parameters of the PLLs: frequency range, phase noise, spurious
frequencies, and lock time. The output of the filter directly
affects the generated frequency and phase. Low noise is
essential because any voltage noise applied to the tuning port
of the VCO is amplified by the VCO gain and translated into
phase noise. Low input bias current is also recommended
because the op amp bias current must be sourced from the PLL
phase detector/ charge pump, and any mismatch or leakage at
the output of the phase detector between the up and down
currents causes ripples and reference spurs.
With 18 MHz gain bandwidth product (GBP), low input bias
currents (±15 pA), low voltage noise density (3.3 nV/√Hz),
ultralow current noise density, and low 1/f corner frequency,
the ADA4625-1 is an ideal op amp for using in a PLL active
loop filter. The ADA4625-1 does not require a negative voltage
supply because of its ground sensing input. The rail-to-rail
output stage is beneficial in terms of increasing the flexibility
in biasing the op amp so that the output range of the PLL is
mapped efficiently onto the input range of the VCO. In
addition, the wide 5 V to 36 V operating supply range makes
the ADA4625-1 a versatile choice for the design of a wide
variety of active loop filters.
Figure 76 shows the ADA4625-1 as the loop filter for the
ADF4159, a 13 GHz fractional-N synthesizer. The phase
detector polarity of the ADF4159 is programmed to negative
because the ADA4625-1 is used in an inverting active loop filter
configuration. The VCO is set up to feedback the VCO/2 output
to the ADF4159. The loop filter has a 900 kHz loop bandwidth
(LBW) and a phase margin of 58° with 2.5 mA charge pump
current. Lowering the bandwidth further improves phase noise
at the expense of increased PLL lock time.
Figure 75 shows the PLL loop filter transfer function. Capacitor C1
and Resistor R1 change the phase detector current pulses into a
continuous time voltage waveform. At frequencies lower than
the R2C2 zero, the amplifier and R1C2 form an integrator.
Between the R2C2 zero and the R2C3 pole, the gain is constant
at the value set by R2/R1. Above the R2C3 pole, the amplifier is
an integrator until R1C3 becomes a feedforward noninverting
zero path around the amplifier. Resistor R3 and Capacitor C4
add an additional pole in the loop filter signal path. Setting the
R3C4 pole below the R2C3 pole reduces the effect of the R1C3
feedforward zero.
LOG FREQUENCY
0dB
R2C2 ZERO
R2/R1
AMP GAIN
R3C4 POLE
R2C3 POLE
R1C1 POLE
Figure 75. PLL Loop Filter Transfer Function
ADF4159
FRACTIONAL-N
SYNTHESIZER
11.4GHz TO 12.8GHz
VCO
RFINx
CP
3.3V
1.8V
AVDD
5V
VCC
DVDD
3.3V
VP
AGND
GND
RFOUT
11.4GHz TO 12.8GHz
ADA4625-1
1µF
47kΩ
47kΩ
15V
3.3nF
33pF
1kΩ
100pF
52pF
VTUNE
RFOUT/2
5.7GHz TO 6.4GHz
3.3V
6dB PAD
6GHz
12GHz OUTPUT
REFIN
100MHz
DGND
SDGND
CPGND
C1
220pF
C3
C2
C4
100pF
R1
100Ω
R2
R3
365Ω
U4
Figure 76. Block Diagram of ADA4625-1 Active Loop Filter for ADF4159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com