Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 11 of 30
100
–100
–18.2
17.8
–80
–60
–40
–20
0
20
40
60
80
VCM (V)
–14.2 –10.2
–6.2
–2.2
1.8
5.8
9.8
13.8
VSY = ±18V
Figure 16. IB vs. VCM, VSY = ±18 V
10n
1n
100p
10p
1p
–18.2
17.8
–14.2 –10.2 –6.2
–2.2
1.8
5.8
9.8
13.8
VCM (V)
TA = 25°C
TA = 125°C
TA = 85°C
Figure 17. Absolute Value of IB vs. VCM for Various Temperatures, VSY = ±18 V
100
10
1
0.1
0.001
100
IOUT SOURCE (mA)
0.01
0.1
1
10
VSY = ±18V
+125°C
+85°C
+25°C
–40°C
Figure 18. Dropout Voltage ((V+) − VOUT) vs. Output Current (IOUT) Source
for Various Temperatures, VSY = ±18 V
300
–300
–0.2
3.8
–250
–200
–150
–100
–50
0
50
100
150
200
250
VSY = 5V
VCM (V)
0.3
0.8
1.3
1.8
2.3
2.8
3.3
Figure 19. IB vs. VCM, VSY = 5 V
–0.2
5.0
10n
1n
100p
10p
1p
VCM (V)
0.20.61.01.41.82.22.63.03.43.84.24.6
TA = 25°C
TA = 125°C
TA = 85°C
Figure 20. Absolute Value of IB vs. VCM for Various Temperature, VSY = 5 V
10
1
0.1
0.001
0.01
0.1
10
1100
IOUT SOURCE (mA)
VSY = 5V
VCM = 1.5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 21. ((V+) − VOUT) vs. IOUT Source for Various Temperatures, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com