Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 22 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 22 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 18Page - Keysight Technologies DSOX4MASK Datasheet HTML 19Page - Keysight Technologies DSOX4MASK Datasheet HTML 20Page - Keysight Technologies DSOX4MASK Datasheet HTML 21Page - Keysight Technologies DSOX4MASK Datasheet HTML 22Page - Keysight Technologies DSOX4MASK Datasheet HTML 23Page - Keysight Technologies DSOX4MASK Datasheet HTML 24Page - Keysight Technologies DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
“Designed for touch.” Industry’s first and
largest 12.1 inch capacitive touch screen
to redefine your oscilloscope experience.
The way an oscilloscope was meant to
be driven, with a designed-for-touch
interface.
The class leading 1.5 GHz upgradeable
bandwidth expands your application
coverage, including USB 2.0 hi-speed
signal integrity testing.
Both USB keyboard and mouse are
supported for additional ease of use.
The new zone touch trigger, if you can see
it, you can trigger on it by just drawing a
box.
5-in-1 instruments redefines the
integration experiences: oscilloscope
channels, digital channels, serial protocol
analysis, dual-channel WaveGen, and
DVM. All features are fully upgradeable,
including bandwidth.
Industry-leading coverage of serial
protocol including USB 2.0 trigger and
decode�
Industry’s first dual-channel WaveGen
function/arbitrary generator now allows
you to generate differential, clock and
data, two channel modulation, and IQ
signals. Modulation of any signal is also
included.
Oscilloscope Experience Redefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com