Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 3 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 3 Page - Keysight Technologies

  DSOX4MASK Datasheet HTML 1Page - Keysight Technologies DSOX4MASK Datasheet HTML 2Page - Keysight Technologies DSOX4MASK Datasheet HTML 3Page - Keysight Technologies DSOX4MASK Datasheet HTML 4Page - Keysight Technologies DSOX4MASK Datasheet HTML 5Page - Keysight Technologies DSOX4MASK Datasheet HTML 6Page - Keysight Technologies DSOX4MASK Datasheet HTML 7Page - Keysight Technologies DSOX4MASK Datasheet HTML 8Page - Keysight Technologies DSOX4MASK Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
03 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Imagine an oscilloscope that sees everything, triggers on
anything, has the ease-of-use of a tablet device…and grows with
your projects.
The Keysight Technologies, Inc. 4000 X-Series oscilloscopes are
engineered for next-generation performance, delivering waveform
update rates 20 times faster than the competition to display the
most signal detail. An industry-leading 12.1-inch capacitive touch
screen with innovative hardware-based zone touch triggering
provides the most intuitive interface to get you answers faster.
The 4000 X-Series provides maximum investment protection with
fully upgradable 5-instruments-in-1.
Experience the speed
Anomalies and elusive events are the toughest to debug. The
4000 X-Series oscilloscope redefines your debugging experience
with MegaZoom IV smart memory technology. The industry-
leading 1-million-waveforms-per-second update rate, means you
see more of your signal behavior and can feel more confident in
your design.
Experience the usability
You may be surprised just how easy it is to use the InfiniiVision
4000 X-Series. A 12.1-inch capacitive touch screen − the
industry’s largest − works just like your favorite tablet or smart
phone, so debugging your devices is faster than ever before.
Innovative zone touch triggering makes triggering on anything
a snap. Just draw a box around signals of interest and the
oscilloscope triggers on them. So, if you can see it, you can
trigger on it.
Experience the integration
The 4000 X-Series further redefines your oscilloscope experience
by integrating the capabilities of seven instruments in one:
oscilloscope channels, logic channels, digital voltmeter (DVM),
dual-channel WaveGen function/arbitrary waveform generator,
frequency response analyzer, 8-digit hardware counter, and serial
protocol analyzer including USB. All are upgradable, including
bandwidth, for the ultimate investment protection.
Oscilloscope Experience Redefined:
Experience the Speed, Usability, and Integration
4000 X-Series – Oscilloscope experience
redefined
Key features:
– Experience the speed:
– One million waveforms per second update rate
– MegaZoom IV smart memory technology
– Standard segmented memory
– Experience the usability:
– Industry’s first capacitive touch screen
– Industry’s largest 12-inch display
– Zone touch trigger
– Experience the integration:
– Industry’s first 5 instruments in 1
– Industry’s first fully upgradable including bandwidth
to 1.5 GHz
– Industry’s leading application solutions
Figure 1. MegaZoom IV smart memory technology enables the speed,
usability, and integration.
Figure 2. Take advantage of a new oscilloscope application bundle
that will enable ALL software applications (including serial decode and
WaveGen) for one low price (Option DSOX4APPBNDL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com