Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 30 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 30 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies DSOX4MASK Datasheet HTML 29Page - Keysight Technologies DSOX4MASK Datasheet HTML 30Page - Keysight Technologies DSOX4MASK Datasheet HTML 31Page - Keysight Technologies DSOX4MASK Datasheet HTML 32Page - Keysight Technologies DSOX4MASK Datasheet HTML 33Page - Keysight Technologies DSOX4MASK Datasheet HTML 34Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
30 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Waveform measurements and cursors
DC vertical accuracy/cursors 2
Single cursor accuracy: ± [DC vertical gain accuracy + DC vertical offset accuracy + 0.21% full
scale]
Dual cursor accuracy: + [DC vertical gain accuracy + 0.42% full scale] 1
Cursors
2 pairs of XY cursors
Automatic measurement of positions, ∆X, 1/∆X, ∆Y, and ∆Y/∆X
Automatic measurements
Measurements continuously updated with statistics. Cursors track last selected measurement.
Select up to four measurements from the list below:
Voltage
Peak-to-peak, maximum, minimum, amplitude, top, base, overshoot, pre-shoot, average- N
cycles, average- full screen, DC RMS- N cycles, DC RMS- full screen, AC RMS- N cycles, AC
RMS- full screen (standard deviation), ratio (RMS1/RMS2)
Time
Period, frequency, counter, + width, - width, burst width, duty cycle, bit rate, rise time, fall time,
delay, phase, X at min Y, X at max Y
Count
Positive pulse count, negative pulse count, rising edge count, falling edge count
Mixed
Area- N cycles, area- full screen
Automatic measurement logging
Available via BenchVue
Counter
Built-in frequency counter
Source
Any analog or digital channel
Resolution
5 digits. Up to 8 digits with an external reference 10 MHz input
Max frequency Bandwidth of oscilloscope
Mask limit test option
Standard mask/limit test capability that provides easy, fast pass/fail comparison of a signal
under test to a predefined mask template or auto-mask template. Predefined mask templates or
edits to an auto-mask template can be made via a simple text editor. > 270,000 mask tests per
second (waveform update rate)
Waveform math
Number of math functions
Four (display one at a time)
Arithmetic
Add, subtract, multiply, divide, differentiate, integrate, FFT, Ax + B, squared, square root, absolute, common log,
natural log, exponential, base 10 exponential, LP filter, HP filter, averaged value, smoothing, envelope, magnify,
max hold, min hold, measurement trend, chart logic bus (timing or state)
FFT
Up to 64 kpts resolution. FFT window types: Hanning, flat top, rectangular, Blackman-Harris, Bartlett
1� Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 10 °C from firmware calibration
temperature.
2. 1 mV/div and 2 mV/div is a magnification of 4 mV/div setting. For vertical accuracy calculations, use full scale of 32 mV for 1 mV/div and 2 mV/div sensitivity
setting�
3� Suspend, resume, reset, bit stuff error, and SE1 error are USB 2.0 low and full speed only.
Trigger type selections
CXPI (Option)
Trigger on the start of frame (SOF), the end of frame (EOF), PTYPE, frame ID, data and info frame ID, data and info
frame ID (long frame), CRC field error, parity error, inter-byte space error, inter-frame space error, framing error,
data length error, sample error, all errors, sleep frame, wakeup pulse
MIL-STD1553 (Option)
Trigger on MIL-STD 1553 signals on data word start/stop, command/status start/stop, RTA, RTA + 11 bits, and
error conditions (parity, sync, Manchester)
SPI (Option)
Trigger on SPI (serial peripheral interface) data pattern during a specific framing period. Supports positive and
negative chip select framing as well as clock Idle framing and user-specified number of bits per frame. Supports
MOSI and MISO data
UART/RS232/422/485 (Option)
Trigger on Rx or Tx start bit, stop bit, data content, or parity error
USB (Option)
Trigger on start of packet (SOP), end of packet (EOP), suspend 3, resume 3, reset 3, packets (token, data,
handshake, or special), and errors (PID, CRC5, CRC16, glitch, bit stuff 3, SE1 3). Supports USB 2.0 low speed, full
speed, and hi-speed (hi-speed is supported on 1 GHz and 1.5 GHz models only)
SENT (Option)
Trigger on SENT bus. start of fast channel message, start of slow channel message, fast channel SC and data,
slow channel message ID, slow channel message ID and data, tolerance violation, fast channel CRC error, slow
channel CRC error, all CRC errors, pulse period error, successive sync pulses error (1/64)
User-definable Manchester/NRZ
(Option)
Trigger on start-of-frame (SOF), bus value, and Manchester errors
USB PD (Option)
Trigger on preamble, EDP, ordered sets, preamble errors, CRC errors, header content (control messages, data
messages, extended messages and value in HEX)
Oscilloscope Experience Redefined:
InfiniiVision 4000 X-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com