Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 18 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 18 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 14Page - Keysight Technologies DSOX4MASK Datasheet HTML 15Page - Keysight Technologies DSOX4MASK Datasheet HTML 16Page - Keysight Technologies DSOX4MASK Datasheet HTML 17Page - Keysight Technologies DSOX4MASK Datasheet HTML 18Page - Keysight Technologies DSOX4MASK Datasheet HTML 19Page - Keysight Technologies DSOX4MASK Datasheet HTML 20Page - Keysight Technologies DSOX4MASK Datasheet HTML 21Page - Keysight Technologies DSOX4MASK Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Connectivity and LXI compatibility
Standard USB 2.0 hi-speed host (two on front, one on back) and
device (one on back) ports make PC connectivity easy. Operate
the scope from your PC and save/recall stored waveforms and
setup files via standard LAN (LXI IPv6 Extended Function).
Connect your projector or external monitor through VGA output,
standard with the 4000 X-Series, when sharing and presenting
screen information. An optional external GPIB-to-LAN adapter is
also available (N4865A).
The BV0004B oscilloscope control and automation application
within BenchVue lets you control and visualize the 4000 X-Series
and multiple measurements simultaneously. It lets you build
automated test sequences just as easily as you can with the
front panel. Save time with the ability to export measurement
data to Excel, Word and MATLAB in three clicks. Monitor and
control your 4000 X-Series with a mobile device from anywhere.
Simplify your testing with BenchVue software. Learn more at
www.keysight.com/find/BenchVue�
Figure 37. BV0004B BenchVue.
Figure 36. The 4000 X-Series and N2820A Series high-sensitivity current
probe measuring > 500 mA and < 1 mA current simultaneously.
Localized front panel, GUI and help
Operate the oscilloscope in the language most familiar to you.
The graphical user interface, built-in help system, front panel
overlays, and user’s manual are available in 11 languages. During
operation, access the built-in help system just by pressing and
holding any button.
Oscilloscope Experience Redefined:
Other Key Productivity Tools (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com