Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 17 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 17 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 13Page - Keysight Technologies DSOX4MASK Datasheet HTML 14Page - Keysight Technologies DSOX4MASK Datasheet HTML 15Page - Keysight Technologies DSOX4MASK Datasheet HTML 16Page - Keysight Technologies DSOX4MASK Datasheet HTML 17Page - Keysight Technologies DSOX4MASK Datasheet HTML 18Page - Keysight Technologies DSOX4MASK Datasheet HTML 19Page - Keysight Technologies DSOX4MASK Datasheet HTML 20Page - Keysight Technologies DSOX4MASK Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
17 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Figure 34. Store and recall up to four reference waveforms.
Figure 35. N7020A Power Rail Probe is the industry’s only probe
designed and developed to solve your toughest power integrity problems.
Powerful probe solutions and compatibility
Get the most out of your 4000 X-Series scope, by using
Keysight’s complete family of innovative probes and accessories
for your application. The 4000 X-Series supports up to four active
probes simultaneously with its full AutoProbe interface. 1
All 4000 X-Series scopes come standard with a 700 MHz
bandwidth, 10 MΩ input passive probe per each channel and
gives you 700 MHz system bandwidth when used in conjunction
with the 4000 X-Series 1 GHz/1.5 GHz models.Also available
is the N2750A InfiniiMode differential probe and N2795A/96A
single-ended active probe for high signal fidelity measurements
without the high price. For ultra low current measurements,
the N2820A Series high-sensitivity current probes are the
best solution in the industry. For power rail measurement, the
N7020A Power Rail Probe provides the unmatched measurement
accuracy.
For the most up-to-date and complete information about
Keysight’s probes and accessories, visit our Web site at
www.keysight.com/find/scope_probes or refer to the InfiniiVision
Probes and Accessories data sheet with the Keysight literature
number 5968-8153EN.
1� Some restriction may apply. Contact Keysight for more details.
Reference waveforms
Store up to four waveforms in the scope’s non-volatile reference
waveform memory. Compare reference waveforms with live
waveforms, and perform post analysis and measurements on
stored data. You can also store waveforms on a removable
USB memory device in *.h5 format and recall them back into
oscilloscope’s reference waveform memory later. Save and/
or transfer waveforms to a PC as XY data pairs in a comma-
separated values format (*.csv) or store bitmap images and
transfer them to a PC for documentation purposes in a variety of
image formats.
Oscilloscope Experience Redefined:
Other Key Productivity Tools (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com