Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 33 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 33 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 29Page - Keysight Technologies DSOX4MASK Datasheet HTML 30Page - Keysight Technologies DSOX4MASK Datasheet HTML 31Page - Keysight Technologies DSOX4MASK Datasheet HTML 32Page - Keysight Technologies DSOX4MASK Datasheet HTML 33Page - Keysight Technologies DSOX4MASK Datasheet HTML 34Page - Keysight Technologies DSOX4MASK Datasheet HTML 35Page - Keysight Technologies DSOX4MASK Datasheet HTML 36Page - Keysight Technologies DSOX4MASK Datasheet HTML 37Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
33 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Dual channel WaveGen - built-in function/arbitary waveform generator
DC offset
Range
± 5 V into Hi-Z, except ± 4 V if sine wave, ± 2.5 V if sinc, cardiac, or
Gaussian pulse into Hi-Z
± 2.5 V into Hi-Z, except ± 2 V if sine wave, ± 1.25 V if sinc, cardiac, or
Gaussian pulse into 50 Ω
Resolution
Larger of 250 uV or 3 digits
Accuracy (waveform modes)
± 1.5% of offset setting ± 1% of amplitude ± 1 mV
Accuracy (DC mode)
± 1.5% of offset setting ± 3 mV
Main output
Impedance
50 Ω typical
Isolation
Not available, main output BNC is grounded
Protection
Overload automatically disables output
Trigger output
Trigger output available on trig-out BNC
Digital voltmeter (specifications are typical)
Source
Analog channels only (1-4)
Functions
ACrms, DC, DCrms, frequency
Resolution
ACV/DCV: 3 digits
Counter frequency: 5.5 digits
Measuring rate
100 times/second
Autoranging
Automatic adjustment of vertical amplification to maximize the dynamic range of measurements
Range meter
Graphical display of most recent measurement, plus extrema over the previous 3 seconds
General and environmental characteristics
Power line consumption
Maximum 120 W
Power voltage range
100 to 120 V, 50/60/400 Hz; 100 to 240 V, 50/60 Hz ± 10% auto ranging
Temperature
Operating
0 to +50 °C
Non-operating
–30 to +70 °C
Humidity
Operating
50% to 95% RH at 40 °C for 5 days
Non-operating
90% RH at 65 °C for 24 hr
Altitude
Operating
Up to 3,000 m
Non-operating
Up to 15,300 m
Electromagnetic compatibility
Meets EMC Directive (2004/108/EC), meets or exceeds IEC 61326-1:2005/EN
61326-1:2006 Group 1 Class A requirement
CISPR 11/EN 55011
IEC 61000-4-2/EN 61000-4-2
IEC 61000-4-3/EN 61000-4-3
IEC 61000-4-4/EN 61000-4-4
IEC 61000-4-5/EN 61000-4-5
IEC 61000-4-6/EN 61000-4-6
IEC 61000-4-11/EN 61000-4-11
Canada: ICES-001:2004
Australia/New Zealand: AS/NZS
Safety
UL61010-1 2nd edition, CAN/CSA22.2 No. 61010-1-04
Vibration
Meets IEC60068-2-6 and MIL-PRF-28800; class 3 random
Oscilloscope Experience Redefined:
InfiniiVision 4000 X-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com