Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 31 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 31 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies DSOX4MASK Datasheet HTML 29Page - Keysight Technologies DSOX4MASK Datasheet HTML 30Page - Keysight Technologies DSOX4MASK Datasheet HTML 31Page - Keysight Technologies DSOX4MASK Datasheet HTML 32Page - Keysight Technologies DSOX4MASK Datasheet HTML 33Page - Keysight Technologies DSOX4MASK Datasheet HTML 34Page - Keysight Technologies DSOX4MASK Datasheet HTML 35Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
31 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Display characteristics
Display
12.1-inch capacitive touch/gesture enabled color TFT LCD
Resolution
800 (H) x 600 (V) pixel format (screen area)
Graticules
8 vertical divisions by 10 horizontal divisions with intensity controls
Format
YT, XY and Roll
Maximum waveform update rate > 1,000,000 wfm/s
Persistence
Off, infinite, variable persistence (100 ms to 60 s)
Intensity gradation
64 intensity levels
Connectivity
USB 2.0 hi-speed host port
USB 2.0 hi-speed host ports x3, two front and one real panel. Supports memory devices, printers, keyboards and mice
USB 2.0 hi-speed device port
One USB 2.0 hi-speed device port on rear panel. USB Test and Measurement Class (USBTMC) compatible
LAN port
10/100Base-T port on rear panel. LXI IPv6 extended function
Web remote control
VNC Web interface (via major Web browsers)
Video out port
SVGA out on rear panel. Connect oscilloscope display to an external monitor or projector
GPIB port
N4865A GPIB-to-LAN adapter (optional)
10 MHz out/in
BNC connector on the rear panel. Supported modes: Off, 10 MHz out, or reference signal mode (10 MHz in)
Trigger out
BNC connector on the rear panel. Supported modes: triggers, mask, waveform generator 1 sync pulse, and waveform
generator 2 sync pulse
Dual-channel WaveGen built-in function/arbitary waveform generator (specifications are typical)
WaveGen outputs
Two (front-panel BNC connectors)
Both waveform generator outputs can be frequency tracked, amplitude tracked, or completely tracked.* A generator’s
output can be inverted to create a differential signal
Waveforms
Sine, square, ramp, pulse, DC, noise, sine cardinal (sinc), exponential rise, exponential fall, cardiac, Gaussian pulse, and
arbitrary
Modulation
Modulation is available on channel 1 only. Modulation is not available when tracking mode is enabled.
Modulation types: AM, FM, FSK
Carrier waveforms: Sine, Ramp, Sine Cardinal, Exponential Rise, Exponential Fall, and Cardiac.Modulation Source:
Internal (no external modulation capability)
AM:
Modulation: Sine, Square, Ramp
Modulation frequency: 1 Hz to 20 kHz
Depth: 0% to 100%
FM:
Modulation: Sine, Square, Ramp
Modulation frequency: 1 Hz to 20 kHz
Minimum carrier frequency: 10 Hz
Deviation: 1 Hz to carrier frequency or (2e12/carrier frequency), whichever is smaller
FSK:
Modulation: 50% duty cycle square wave
FSK rate: 1 Hz to 20 kHz
Hop frequency: 2 x FSK rate to 10 MHz
1� Only the following combination of wave shapes can be frequency tracked or completely tracked:
1) Sine, ramp, sine cardinal, cardiac, and Gaussian pulse.
2) Square wave and pulse.
3) Exponential rise and exponetial fall.
4) Arbitrary.
Oscilloscope Experience Redefined:
InfiniiVision 4000 X-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com