Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 4 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 4 Page - Keysight Technologies

  DSOX4MASK Datasheet HTML 1Page - Keysight Technologies DSOX4MASK Datasheet HTML 2Page - Keysight Technologies DSOX4MASK Datasheet HTML 3Page - Keysight Technologies DSOX4MASK Datasheet HTML 4Page - Keysight Technologies DSOX4MASK Datasheet HTML 5Page - Keysight Technologies DSOX4MASK Datasheet HTML 6Page - Keysight Technologies DSOX4MASK Datasheet HTML 7Page - Keysight Technologies DSOX4MASK Datasheet HTML 8Page - Keysight Technologies DSOX4MASK Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
04 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Oscilloscope Experience Redefined:
Experience the Speed, Usability, and Integration (Continued)
Overview of Keysight InfiniiVision X-Series oscilloscopes
InfiniiVision
6000 X-Series
4000 X-Series
3000T X-Series
2000 X-Series
1000 X-Series
Analog channels
2 or 4
2 or 4
2 or 4
2 or 4
2
Digital channels
16 (MSO models or
upgrade)
16 (MSO models or
upgrade)
16 (MSO models or
upgrade)
8 (MSO models or
upgrade)
External trigger can be
used as a 3rd digital
channel
Bandwidth
1, 2.5, 4, 6 GHz
200, 350, 500 MHz, 1,
1.5 GHz
100, 200, 350, 500 MHz,
1 GHz
70, 100, 200 MHz
50, 70, 100 MHz
Max sample rate
20 GSa/s
5 GSa/s
5 GSa/s
2 GSa/s
2 GSa/s
Max memory depth
4 Mpts
4 Mpts
4 Mpts
100 kpts (standard)
1 Mpts (option)
1 Mpts
Max waveform update
rate
> 450,000 wfms/sec
> 1,000,000 wfms/sec
> 1,000,000 wfms/sec
> 50,000 wfms/sec
> 50,000 wfms/sec
Display
12.1-inch, capacitive
touch
12.1-inch, capacitive
touch
8.5-inch, capacitive
touch
8.5-inch
7 inch
Zone touch trigger
Standard
Standard
Standard
No
No
Voice control
Standard
No
No
No
No
WaveGen 20-MHz
function/arbitrary
waveform generator
Dual-channel AWG
(option)
Dual-channel AWG
(option)
Single-channel AWG
(option)
Single-channel function
(option)
Single-channel function
(on G models)
Integrated DVM
Standard
Standard
Standard
Standard
Free with registration
Integrated hardware
counter (standard)
10-digit frequency,
period, or totalizer
counter
5-digit frequency or
period counter
(8 digits with external
10 MHz clock reference)
8-digit frequency,
period, or totalizer
counter
5-digit frequency counter 5 digits
Search and navigate
Standard, lister
supported
Standard, lister
supported
Standard, lister
supported
Serial only
No
Segment memory
Standard
Standard
Standard
Option
Standard on DSO models
Mask/limit test
Option
Option
Option
Option
Standard on DSO models
Serial protocol
analysis options
I2C/SPI, UART/RS232,
CAN/CAN-dbc/CAN-FD/
LIN/LIN symbolic,
SENT, FlexRay, I2S,
MIL-STD1553, CXPI,
ARINC429, USB 2.0,
Manchester/NRZ, USB
PD
I2C/SPI, UART/RS232,
CAN/CAN-dbc/CAN-FD/
LIN/LIN symbolic,
SENT, FlexRay, I2S,
MIL-STD1553, CXPI,
ARINC429, USB 2.0,
Manchester/NRZ, USB
PD
I2C/SPI, UART/RS232,
CAN/CAN-dbc/CAN-FD/
LIN/LIN symbolic,
SENT, FlexRay, I2S,
MIL-STD1553, CXPI,
ARINC429, Manchester/
NRZ, USB PD
I2C/SPI, UART, CAN/
LIN (will not operate
simultaneously with
digital channels)
I2C/SPI, UART, CAN/LIN
Advanced analysis
options
Power analysis, USB 2.0
signal quality test, HDTV
analysis, FRA
Power analysis, USB 2.0
signal quality test, HDTV
analysis, FRA, NFC
Power analysis, HDTV
analysis, FRA, NFC
No
FRA
Color grade
Standard
No
No
No
No
Histogram
Standard
No
No
No
No
FFT
Standard enhanced FFT
Standard enhanced FFT
Standard enhanced FFT
Standard
Standard
Multi-domain analysis
Gated FFT
Gated FFT
Gated FFT
No
No
Jitter analysis with
clock recovery
Option
No
No
No
No
Realtime eye diagram
Option
No
No
No
No
Advanced math
Standard, display four
functions simultaneously
Standard, display one
function
Standard, display one
function
No
No
Connectivity
Standard USB 2.0, LAN,
video (GPIB option), USB
mouse and keyboard
support
Standard USB 2.0, LAN,
video (GPIB option), USB
mouse and keyboard
support
Standard USB 2.0 (LAN/
video/GPIB option), USB
mouse and keyboard
support
Standard USB 2.0 (LAN/
video/GPIB option), USB
keyboard support
Standard USB 2.0, USB
keyboard support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com