Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 26 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 26 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 22Page - Keysight Technologies DSOX4MASK Datasheet HTML 23Page - Keysight Technologies DSOX4MASK Datasheet HTML 24Page - Keysight Technologies DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies DSOX4MASK Datasheet HTML 29Page - Keysight Technologies DSOX4MASK Datasheet HTML 30Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
26 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
DSO and MSO 4000 X-Series oscilloscopes
4000 X-Series specification overview
4022A
4024A
4032A
4034A
4052A
4054A
4104A
4154A
Bandwidth 1 (–3 dB)
200 MHz
350 MHz
500 MHz
1 GHz
1.5 GHz 3
All-channel real-time bandwidth
200 MHz
350 MHz
500 MHz
1 GHz
1 GHz
Calculated rise time (10 to 90%)
≤ 1.75 ns
≤ 1 ns
≤ 700 ps
≤ 450 ps
≤ 300 ps
Input channels
DSOX
2
4
2
4
2
4
4
4
MSOX
2 + 16
4 + 16
2 + 16
4 + 16
2 + 16
4 + 16
4 + 16
4 + 16
Maximum sample rate
5 GSa/s half channel, 2.5 GSa/s all channel
Maximum memory depth
Standard 4 Mpts, standard segmented memory
Display size and type
12.1-inch high-definition capacitive touch display
Waveform update rate
> 1 million waveforms per second
System bandwidth with N2894A standard
passive probe
200 MHz
200 MHz
350 MHz
350 MHz
500 MHz
500 MHz
700 MHz
700 MHz
System analog channels
Hardware bandwidth limits
Approximately 20 MHz (selectable)
Input coupling
AC, DC
Input impedance
Selectable: 1 MΩ ± 1% (16 pF), 50 Ω ± 1.5%
Input sensitivity range
200 MHz ~ 500 MHz models: 1 mV/div to 5 V/div 2 (1 MΩ and 50 Ω)
1 and 1.5 GHz models: 1 mV/div to 5 V/div 2 (1 MΩ), 1 mV/div to 1 V/div (50 Ω)
Vertical resolution
8 bits (measurement resolution is 12 bits with averaging)
Maximum input voltage
1 MΩ
300 Vrms, 400 Vpk; transient overvoltage 1.6 kVpk. Frequency derating (assumes sine
wave input): 400 Vpk until 40 kHz. Then derates at 20 db/dec until 6 Vpk
50 Ω
50 Ω: ≤ 5 Vrms max
DC vertical gain accuracy 1
± 2.0% full scale 2
DC vertical offset accuracy
± 0.1 div ± 2 mV ± 1% of offset setting
Channel-to-channel isolation
200 MHz~1 GHz
≥ 40 dB from DC to maximum specified bandwidth of each model
1.5 GHz
≥ 40 dB from DC to 1 GHz, ≥ 35 dB from 1 to 1.5 GHz
Offset range
± 5 V (< 10 mV/div), ± 20 V (10 to 200 mV/div), ± 75 V (> 200 mV/div)
Vertical system digital channels
Digital input channels
16 digital (D0 to D15. Pod 1: D7 ~ D0, Pod 2: D15 ~ D8)
Thresholds
Threshold per pod
Threshold selections
TTL (+1.4 V), 5 V CMOS (+2.5 V), ECL (–1.3 V), user-defined (selectable by pod)
User-defined threshold range
± 8.0 V in 10 mV steps
Maximum input voltage
± 40 V peak CAT I
Threshold accuracy 1
± (100 mV + 3% of threshold setting)
Maximum input dynamic range
± 10 V about threshold
Minimum voltage swing
500 mVpp
Input impedance
100 kΩ ± 2% at probe tip
Input capacitance
~8 pF
Vertical resolution
1 bit
1� Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 10 °C from firmware calibration
temperature.
2. 1 mV/div and 2 mV/div is a magnification of 4 mV/div setting. For vertical accuracy calculations, use full scale of 32 mV for 1 mV/div and 2 mV/div sensitivity
setting�
3� 1.5 GHz real time bandwidth in half-channel mode or full channel equivalent time mode.
Oscilloscope Experience Redefined:
InfiniiVision 4000 X-Series Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com