Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 13 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 13 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 9Page - Keysight Technologies DSOX4MASK Datasheet HTML 10Page - Keysight Technologies DSOX4MASK Datasheet HTML 11Page - Keysight Technologies DSOX4MASK Datasheet HTML 12Page - Keysight Technologies DSOX4MASK Datasheet HTML 13Page - Keysight Technologies DSOX4MASK Datasheet HTML 14Page - Keysight Technologies DSOX4MASK Datasheet HTML 15Page - Keysight Technologies DSOX4MASK Datasheet HTML 16Page - Keysight Technologies DSOX4MASK Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Figure 22. WaveGen sine wave output with and without added AM
modulation.
Figure 24. Dual channel WaveGen output of differential arbitrary signals.
Common mode is shown as a math function.
Dual-channel WaveGen 20-MHz function/arbitrary
waveform generator: Industry-exclusive
The 4000 X-Series offers the industry’s only dual-channel,
integrated 20-MHz function/arbitrary waveform generator.
(DSOX4WAVEGEN2) The integrated generator provides stimulus
output of sine, square, ramp, pulse, DC, noise, sine cardinal
(sinc), exponential rise, exponential fall, cardiac, Gaussian pulse
and arbitrary waveforms (AWG) to your device under test. Signal
modulation capability is also available.
With AWG functionality, you can store waveforms from analog
channels or reference memory to the arbitrary memory and
output from WaveGen. Easily create and edit the waveform using
the built-in editor or Keysight’s free BenchLink Waveform Builder
Basic software: www.keysight.com/find/33503�
With dual channels, you can generate differential signals to:
output arbitrary clock and data signals to simulate serial buses,
create complex modulations (more than the standard modulation
feature), output IQ signals and more. The two channels can be
tracked together as well (identical frequency, amplitude, offset
and duty cycle).
3-digit voltmeter
The 4000 X-Series offers a standard integrated 3-digit voltmeter
(DVM) and 5-digit frequency counter inside the oscilloscope. The
voltmeter operates through the same probes as the oscilloscope
channels. However, the DVM measurements are de-coupled from
the oscilloscope triggering system so that both the DVM and
triggered oscilloscope waveform capture can be made with the
same connection. The voltmeter results are always displayed,
keeping these quick characterization measurements at your
fingertips.
Figure 23. WaveGen arbitrary waveform editing screen.
Figure 25. DVM 3-digit
voltage and 5-digit frequency
measurements always at your
fingertips.
Oscilloscope Experience Redefined:
Experience the Integration (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com