Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 23 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 23 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 19Page - Keysight Technologies DSOX4MASK Datasheet HTML 20Page - Keysight Technologies DSOX4MASK Datasheet HTML 21Page - Keysight Technologies DSOX4MASK Datasheet HTML 22Page - Keysight Technologies DSOX4MASK Datasheet HTML 23Page - Keysight Technologies DSOX4MASK Datasheet HTML 24Page - Keysight Technologies DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Industry-leading 1 million waveform per
second update rate minimizes the dead-time
for maximum probability of capturing infrequent
events and anomalies.
Docking panels with the capacitive touch screen add
a new dimension of usability. See setup summary,
automatic measurements, cursor info, DVM, and
navigation pane in any combination, anywhere on the
screen.
Standard advanced math and four cascade-able
math functions enable even the most sophisticated
signal analysis�
Display up to 10 measurements simultaneously,
without compromising other key info. 35 automatic
measurements can be gated by cursors�
Not a touch screen fan? Turn off the touch screen
from a front panel button if desired.
Independent knobs per channel for fast operation.
All front panel knobs are push-able for access to
common controls.
Standard segmented memory powered by
MegaZoom IV smart memory technology provides
intelligent capture of just the signal of interest.
Four AutoProbe (active or current probes)
are supported simultaneously for demanding
applications.
Simultaneous 1GHz bandwidth
across all 4 channels.
Industry’s first integrated DVM�
Asynchronous from the 4 analog
triggered waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com