Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX4MASK Datasheet(PDF) 36 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 36 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 31Page - Keysight Technologies DSOX4MASK Datasheet HTML 32Page - Keysight Technologies DSOX4MASK Datasheet HTML 33Page - Keysight Technologies DSOX4MASK Datasheet HTML 34Page - Keysight Technologies DSOX4MASK Datasheet HTML 35Page - Keysight Technologies DSOX4MASK Datasheet HTML 36Page - Keysight Technologies DSOX4MASK Datasheet HTML 37Page - Keysight Technologies DSOX4MASK Datasheet HTML 38Page - Keysight Technologies DSOX4MASK Datasheet HTML 39Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
36 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
4000 X-Series bandwidth upgrade models
Model number
Description
Type
DSOX4B2T32U
200 MHz ~ 350 MHz , 2 ch
Service center
DSOX4B2T34U
200 MHz ~ 350 MHz , 4 ch
Service center
DSOX4B5T104U
500 MHz ~ 1 GHz , 4 ch
Service center
DSOX4B1T154U
1 GHz ~ 1.5 GHz , 4 ch
Service center
DSOX4B2T52U
200 MHz ~ 500 MHz , 2 ch
Service center
DSOX4B2T54U
200 MHz ~ 500 MHz , 4 ch
Service center
DSOX4B2T104U
200 MHz ~ 1 GHz , 4 ch
Service center
DSOX4B2T154U
200 MHz ~ 1.5 GHz , 4 ch
Service center
DSOX4B3T104U
350 MHz ~ 1 GHz , 4 ch
Service center
DSOX4B3T154U
350 MHz ~ 1.5 GHz , 4 ch
Service center
DSOX4B5T154U
500 MHz ~ 1.5 GHz , 4 ch
Service center
Process description
1
Place order for a return-to-Keysight service center bandwidth upgrade product to a Keysight sales partner. Serivce Center installation,
calibration, shipment costs are in addition to bandwidth upgrade product price.
2
Keysight Business Center will contact you regarding process and timing of the service center installation. Continue to use oscilloscope until
contacted again later when parts are available at service center.
3
Ship the oscilloscope per provided instructions to service center.
4
Service center ships back upgraded oscilloscope with stick-on labels applied to front and rear panels indicating upgraded bandwidth
specification. Model number and serial number of the oscilloscope do not change.
Oscilloscope Experience Redefined:
Return-to-Keysight Service Center Bandwidth Upgrades



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com