Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 27 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 27 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 23Page - Keysight Technologies N2764BU-059 Datasheet HTML 24Page - Keysight Technologies N2764BU-059 Datasheet HTML 25Page - Keysight Technologies N2764BU-059 Datasheet HTML 26Page - Keysight Technologies N2764BU-059 Datasheet HTML 27Page - Keysight Technologies N2764BU-059 Datasheet HTML 28Page - Keysight Technologies N2764BU-059 Datasheet HTML 29Page - Keysight Technologies N2764BU-059 Datasheet HTML 30Page - Keysight Technologies N2764BU-059 Datasheet HTML 31Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
27 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Compliance and Automation Testing: Switch Matrix Support
Comprehensive testing, easily achieved
Eliminate reconnections (reducing errors)
Compliance applications on the Z-Series support a switch
matrix, making testing simple by automating tests for each lane
of a multi-lane bus. Typical testing requires reconnecting the
oscilloscope each time you switch a lane, which causes wasted
time and inaccuracies. The Z-Series solves this problem by
supporting switch matrix through its compliance test. Simply
connect the switch to the oscilloscope and all the lanes, and then
click Run to complete full testing of your entire device.
Maintain accuracy
The framework fully supports Keysight’s PrecisionProbe software
(N2809A) and InfiniiSim software (N5465A). This gives you the
ability to characterize every switch path to the device under test
(both magnitude and skew) and ensure that all of them maintain
the same level of accuracy.
Customize your testing
Use the remote programming interface (standard feature on the
Z-Series) and N5467A user-defined application for device control,
instrument control and test customization.
Skews between switch paths are easily maintained with Keysight’s
unique software.
Typical switch configuration for HDMI testing (now supported in the
Z-Series).
Software description
Model number
Fixed 1
Floating 2
Node locked Transportable Server based
DisplayPort switch
matrix
U7232C-7FP
U7232C-7TP
N5435A-701
HDMI switch matrix
N5399C-7FP N5399C-7TP
N5435A-702
MIPI D-PHY switch
matrix
U7238C-7FP U7238C-7TP
N5435A-703
MIPI M-PHY switch
matrix
U7249C-7FP
U7249C-7TP
N5435A-704
PCIe® switch matrix
N5393F-7FP
N5393F-7TP
N5435A-705
Ethernet KR switch
matrix
N8814B-7FP
N8814B-7TP
N5435A-706
QSFP+ switch matrix
N6468A-7FP N6468A-7TP
N5435A-707
UDA switch matrix
N5467B-7FP N5467B-7TP
N5435A-708
100GBASE-CR10
switch matrix
N8828A-7FP N8828A-7TP
N5435A-709
100GBASE-KR4 switch
matrix
N8829A-7FP N5435A-710
N8829A-7TP
100GBASE-CR4 switch
matrix
N8830A-7FP N8830A-7TP
N5430A-711
10GBASE-T switch
matrix
N5392A-7FP N5392A-7TP
N5430A-712
1. Factory-installed on new scope purchase or user-installed on existing
scope.
2. Must be user-installed.
DUT
Scope
SMA
probe
head
SMA
probe
head
SMA
probe
head
SMA
probe
head
Switch matrix
+3.3V
L3
Ch4
Ch3
Ch2
Ch1
L2
L1
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com