Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 41 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 41 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 36Page - Keysight Technologies N2764BU-059 Datasheet HTML 37Page - Keysight Technologies N2764BU-059 Datasheet HTML 38Page - Keysight Technologies N2764BU-059 Datasheet HTML 39Page - Keysight Technologies N2764BU-059 Datasheet HTML 40Page - Keysight Technologies N2764BU-059 Datasheet HTML 41Page - Keysight Technologies N2764BU-059 Datasheet HTML 42Page - Keysight Technologies N2764BU-059 Datasheet HTML 43Page - Keysight Technologies N2764BU-059 Datasheet HTML 44Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
41 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Hardware trigger (Continued)
Measurement modes
Automatic measurements
Measure menu access to all measurements, up to 20 measurements can be displayed simultaneously
Multipurpose
Front-panel button activates up to ten pre-selected or up to ten user-defined automatic measurements
Drag-and-drop measurement
toolbar
Measurement toolbar with common measurement icons that can be dragged and dropped onto the displayed
waveforms
Marker modes
Manual markers, track waveform data, track measurements
Bookmarks and callouts
Supports callouts for measurements and FFT peaks. Supports bookmarks for team collaboration
Display
Display
15.4-inch color XGA TFT-LCD with capacitive touch screen
Intensity grayscale
256-level intensity-graded display
Resolution XGA
1024 pixels horizontally x 768 pixels vertically
Annotation
Up to 100 bookmarks can be inserted into the waveform window. Each can float or be tied to a specific waveform
Grids
Choose between 1-16 grids per waveform area, 8 bit vertical resolution
Waveform styles
Connected dots, dots, infinite persistence, color graded infinite persistence. Includes up to 256 levels of intensity-
graded waveforms., variable persistence
Waveform area
Supports eight waveform areas plus chart mode for EZJIT Plus, InfiniiSim, protocol, and PrecisionProbe
Maximum update rate
> 400,000 waveforms per second (when in the segment memory mode)
Computer system and peripherals, I/O ports
Computer system and peripherals
Operating system
Windows 7 64-bit
CPU
Intel i5-3550S quad-core CPU at 3.00 GHz
PC system memory
16 GB DDR3 RAM
Drives (SSD)
500-GB internal hard drive removable hard drive, additional hard drives (N2110A)
Peripherals
Logitech optical USB mouse, compact USB keyboard supplied. All Infiniium models support any Windows-
compatible input device with a serial, PS/2 or USB interface.
File types
Waveforms
Compressed internal format (*.wfm (200 Mpts)), comma-separated values (*.csv (2 Gpts)), tab-separated values
(*.tsv (2 Gpts)), public binary format (.bin (500 Mpts)), Y value files (*.txt (2 Gpts)), hierarchal data file (*.hf5 (2 Gpts)),
composite data file (*.osc (2 Gpts))
Images
BMP, PNG, TIFF, GIF, JPEG or osc file format
I/O ports
RS-232 (serial), parallel, PS/2, USB 2.0 hi-speed (host), USB 2.0 hi-speed (device), VGA, DisplayPort, USB 3.0,
dual-monitor video output, auxiliary output, trigger output, time base reference output
Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com