Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 32 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 32 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 28Page - Keysight Technologies N2764BU-059 Datasheet HTML 29Page - Keysight Technologies N2764BU-059 Datasheet HTML 30Page - Keysight Technologies N2764BU-059 Datasheet HTML 31Page - Keysight Technologies N2764BU-059 Datasheet HTML 32Page - Keysight Technologies N2764BU-059 Datasheet HTML 33Page - Keysight Technologies N2764BU-059 Datasheet HTML 34Page - Keysight Technologies N2764BU-059 Datasheet HTML 35Page - Keysight Technologies N2764BU-059 Datasheet HTML 36Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Achieve New Extremes (Continued)
Configure your high-performance real-time oscilloscope solution today
2. Choose your probes and accessories
Probe amplifier
Description
Model number
30 GHz InfiniiMax III probe amplifier
N2803A
25 GHz InfiniiMax III probe amplifier
N2802A
20 GHz InfiniiMax III probe amplifier
N2801A
16 GHz InfiniiMax III probe amplifier
N2800A
20 GHz InfiniiMax III+ probe amplifier 1
N7003A
16 GHz InfiniiMax III+ probe amplifier 1
N7002A
13 GHz InfiniiMax III+ probe amplifier 1
N7001A
8 GHz InfiniiMax III+ probe amplifier 1
N7001A
Probe head
Description
Model number
16 GHz QuickTip probe head 2
N2848A
QuickTip probe tip (set of 4) 2
N2849A
16 GHz solder-in probe head
N5441A
26 GHz solder-in probe head 2
N2836A
28 GHz Zero Insertion Force (ZIF) probe head
N5439A
200 Ω ZIF tip for high sensitivity 3
N5447A
25 GHz PC board ZIF tip (for normal sensitivity)
N2838A
30 GHz browser probe head
N5445A
Browser tip replacement (set of 4)
N5476A
28 GHz 3.5 mm/2.92 mm/SMA probe head 2
N5444A
Probe adapter
Description
Model number
30 GHz voltage termination adapter (50 Ω — 3.5 mm (f) to (m) connector)
N7010A
Performance verification and deskew fixture
N5443A
Precision BNC adapter (50 Ω — 3.5 mm (f) to precision BNC (f) connector)
N5442A
Sampling scope adapter (50 Ω — 3.5 mm (f) to (m) connector)
N5477A
High-impedance probe adapter (includes one N2873A passive probe)
N5449A
For more information about Infiniium Oscilloscope Probes and Accessories - Data Sheet, view the Keysight publication number
5968-7141EN.
For more information about InfiniiMax III/III+ Probing System - Data Sheet, view the Keysight publication number 5990-5653EN.
1. With InfiniiMode technology, allowing you to switch to differential, single-ended, and common mode without adjusting probe tip connections.
2. Probe head that supports InfiniiMode connections.
3. Compatible only with InfiniiMax III probe amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com