Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 31 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 31 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 27Page - Keysight Technologies N2764BU-059 Datasheet HTML 28Page - Keysight Technologies N2764BU-059 Datasheet HTML 29Page - Keysight Technologies N2764BU-059 Datasheet HTML 30Page - Keysight Technologies N2764BU-059 Datasheet HTML 31Page - Keysight Technologies N2764BU-059 Datasheet HTML 32Page - Keysight Technologies N2764BU-059 Datasheet HTML 33Page - Keysight Technologies N2764BU-059 Datasheet HTML 34Page - Keysight Technologies N2764BU-059 Datasheet HTML 35Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Achieve New Extremes
Configure your high-performance real-time oscilloscope solution today
Get the most out of your oscilloscope investment by choosing options and software to speed your most common tasks. Use option
numbers when ordering at time of purchase. Use model numbers to add to an existing scope.
1. Choose your oscilloscope
Oscilloscope
Description
DSOZ634A
63-GHz digital storage oscilloscope
DSAZ634A
63-GHz digital signal analyzer 1
DSOZ632A
63-GHz digital storage oscilloscope
DSAZ632A
63-GHz digital signal analyzer 1
DSOZ594A
59-GHz digital storage oscilloscope
DSAZ594A
59-GHz digital signal analyzer 1
DSOZ592A
59-GHz digital storage oscilloscope
DSAZ592A
59-GHz digital signal analyzer 1
DSOZ504A
50-GHz digital storage oscilloscope
DSAZ504A
50-GHz digital signal analyzer 1
DSOZ334A
33-GHz digital storage oscilloscope
DSAZ334A
33-GHz digital signal analyzer 1
DSOZ254A
25-GHz digital storage oscilloscope
DSAZ254A
25-GHz digital signal analyzer 1
DSOZ204A
20-GHz digital storage oscilloscope
DSAZ204A
20-GHz digital signal analyzer 1
1. DSA models come standard with 100 Mpts memory, EZJIT Complete and Serial Data Analysis software.
All models come with a front cover, power cord, keyboard, mouse, 3.5 mm male-to-male calibration cable (54916-61626), 3.5 mm
(male) to 2.4 mm (male) calibration cable (54932-61630), ESD strap, and (5) 3.5 mm female-to-female coax adapters (5061-5311).
50, 59, and 63 GHz models come with (2) additional 1.85 female-to-female adapters (54932-68712).
All models come standard with removable SSD hard drive.
Memory options
Memory per scope channel
Options (on new oscilloscope)
100 Mpts/ch memory
DSOZ000-100 2
200 Mpts/ch memory
DSOZ000-200
500 Mpts/ch memory
DSOZ000-500
1 Gpt/ch memory
DSOZ000-01G
2 Gpts/ch memory
DSOZ000-02G
Description
Options
Model number
ANSI Z540 compliant calibration
DSOZ000-A6J
—
ISO17025 calibration
DSOZ000-1A7
—
Performance verification de-skew fixture for InfiniiMax III probe
—
N5443A
Rack mount kit option
—
N2759A
Transit case
—
N2748A
Removable SSD with Windows 7 for Z-Series - 1 TB
DSOZ000-801
N2110A-01T
Removable SSD with Windows 7 for Z-Series - 500 GB 3
—
N2110A-500
Optional synchronization port for 20, 25, 33 GHz models
DSOZ000-601
—
2. Standard on DSA models.
3. 500G SSD standard on all models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com