Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 40 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 40 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 36Page - Keysight Technologies N2764BU-059 Datasheet HTML 37Page - Keysight Technologies N2764BU-059 Datasheet HTML 38Page - Keysight Technologies N2764BU-059 Datasheet HTML 39Page - Keysight Technologies N2764BU-059 Datasheet HTML 40Page - Keysight Technologies N2764BU-059 Datasheet HTML 41Page - Keysight Technologies N2764BU-059 Datasheet HTML 42Page - Keysight Technologies N2764BU-059 Datasheet HTML 43Page - Keysight Technologies N2764BU-059 Datasheet HTML 44Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Hardware trigger (Continued)
Maximum measurement update rate
> 50,000 measurement/sec (one measurement turned on)
> 250,000 measurement/sec/measurement (ten measurements turned on)
Measurement modes
Standard, Measure all edges mode
Waveform measurements
Voltage
Peak to peak, minimum, maximum, average, RMS, amplitude, base, top, overshoot, preshoot, upper, middle,
lower, Vovershoot, Vtime, Vpreshoot, crossing, pulse base, pulse amplitude, pulse top, PAM level mean 2,
PAM level RMS 2, PAM level skew 2, PAM level thickness 2
Time
Rise time, fall time, positive width, negative width, burst width, burst period, burst interval, Tmin, Tmax,
Tvolt, + pulse count, - pulse count
Clock
Period, frequency, duty cycle to duty cycle, phase, N-period
Data
Setup time, hold time
Mixed
Area, slew rate
Frequency domain
FFT frequency, FFT magnitude, FFT delta frequency, FFT delta magnitude, peak detect mode
Level qualification
Any channels that are not involved in a measurement can be used to level-qualify all timing measurements
Eye-diagram measurements
Eye height, eye width, eye jitter, crossing percentage, Q factor, and duty-cycle distortion
Jitter analysis measurements
Requires Option 002 (or E2681A), 004 (N5400A), or 070 (N8823A). Standard on DSA Series
Clock
Time interval error, N-period, period to period, positive width to positive width, neg width to neg width, and
duty cycle to duty cycle
Data
Time interval error, unit interval, N Unit Interval, unit interval to unit interval, data rate, CDR, de-emphasis
Statistics
Displays the current, mean, minimum, maximum, range (max-min), standard deviation, number of
measurements value for the displayed automatic measurements
Histograms
Source
Waveform or measurement
Orientation
Vertical (for timing and jitter measurements) or horizontal (noise and amplitude change) modes, regions are
defined using waveform markers
Measurements (available as a function)
Mean, standard deviation, mean ± 1, 2, and 3 sigma, median, mode, peak-to-peak, min, max, total hits,
peak (area of most hits), X scale hits, and X offset hits
Mask testing
Allows pass/fail testing to user-defined or Keysight-supplied waveform templates. Automask lets you
create a mask template from a captured waveform and define a tolerance range in time/voltage or screen
divisions. Test modes (run until) include test forever, test to specified time or event limit, and stop on
failure. Executes “multipurpose” user setting on failure
“Unfold real-time eye” feature allows individual bit errors to be observed by unfolding a real-time eye when
clock recovery is on
Communications mask test kit option provides a set of ITU-T G.703, ANSI T1.102, and IEEE 802.3 industry-
standard masks for compliance testing
Waveform math
Number of functions
Sixteen
Hardware accelerated math operations
Differential and Common Mode
Absolute value, add, amplitude demodulation (radar envelope), average, Butterworth 1, common mode,
delay, differentiate, divide, FFT magnitude, FFT, phase, FIR 1, high pass filter, histogram, horizontal gating,
integrate, invert, LFE 1, low pass filter (4th-order Bessel Thompson filter), magnify, max, measurement
trend, min, multiply, RT Eye 1, smoothing, SqrtSumOfSquare 1, square, square root, subtract, versus, and
optional user defined function (Option 010)
FFT
Frequency range
DC to 80 GHz (at 160 GSa/s) or 40 GHz (at 80 GSa/s) or 20 GHz (at 40 GSa/s)
Frequency resolution
Sample rate/memory depth = resolution
Window modes
Hanning, flattop, rectangular, Blackman-Harris, Hamming
1. Requires EZJIT Plus (Option N5400A) or EZJIT Complete (Option N8823A) software.
2. Requires PAM-4 analysis (Option N8827A) software.
Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com