Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 4 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 4 Page - Keysight Technologies

  N2764BU-059 Datasheet HTML 1Page - Keysight Technologies N2764BU-059 Datasheet HTML 2Page - Keysight Technologies N2764BU-059 Datasheet HTML 3Page - Keysight Technologies N2764BU-059 Datasheet HTML 4Page - Keysight Technologies N2764BU-059 Datasheet HTML 5Page - Keysight Technologies N2764BU-059 Datasheet HTML 6Page - Keysight Technologies N2764BU-059 Datasheet HTML 7Page - Keysight Technologies N2764BU-059 Datasheet HTML 8Page - Keysight Technologies N2764BU-059 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
04 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
At the extremes of electrical and optical
measurements ...
You need to make rise time measurements without
being limited by scope bandwidth
The Z-Series is Keysight Technologies’ second generation of
enabling 63 GHz of oscilloscope bandwidth. RealEdge technology
is implemented using a unique combination of time interleaving,
frequency interleaving and proprietary signal processing.
You need to see your signal and not oscilloscope
noise
The Z-Series leverages technology from the award-winning
Infiniium 90000X and 90000Q Series oscilloscopes, which
provide leading signal integrity specifications. The Z-Series takes
advantage of leading-edge indium phosphide chip technology and
custom thin film packaging technology, which ultimately leads
to the lowest-noise-, real-time oscilloscope in the world. With
industry-leading bandwidths, Z-Series scopes let you see your
fastest signals as they really are.
You need fast analysis and hardware acceleration
The Z-Series has a capacitive touch screen, new processor
and 16 GB of RAM to ensure faster processing than previous-
generation Infiniium oscilloscopes.
Advanced IC Design and Technology Help You Solve Your Biggest Problems
Infiniium’s custom multi-chip modules feature indium phosphide chips
and Keysight proprietary packaging technology, enabling high bandwidth
and low noise.
RealEdge technology blocks enable 63-GHz real-time bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com