Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 33 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 33 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 29Page - Keysight Technologies N2764BU-059 Datasheet HTML 30Page - Keysight Technologies N2764BU-059 Datasheet HTML 31Page - Keysight Technologies N2764BU-059 Datasheet HTML 32Page - Keysight Technologies N2764BU-059 Datasheet HTML 33Page - Keysight Technologies N2764BU-059 Datasheet HTML 34Page - Keysight Technologies N2764BU-059 Datasheet HTML 35Page - Keysight Technologies N2764BU-059 Datasheet HTML 36Page - Keysight Technologies N2764BU-059 Datasheet HTML 37Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
3. Upgrade your oscilloscope
Model numbers
Description
Upgrades within the Z-Series family
N2764BU-025
Bandwidth upgrade from 20 to 25 GHz
N2764BU-033
Bandwidth upgrade from 25 to 33 GHz
N2764BU-050
Bandwidth upgrade from 33 to 50 GHz
N2764BU-059
Bandwidth upgrade from 50 to 59 GHz
N2764BU-062
Bandwidth upgrade from 50 to 63 GHz
N2764BU-162
Bandwidth upgrade from 59 to 63 GHz
Note: All except 50 to 59 GHz and 50 to 63 GHz upgrades require return to Service Center but do not include Service Center costs. Calibration incurs additional charges.
Model number to
upgrade
Memory per scope channel existing oscilloscope (post-sale)
N2810A-100
Upgrade from 50 to 100 Mpts/channel
N2810A-200
Upgrade from 100 to 200 Mpts/channel
N2810A-500
Upgrade from 200 to 500 Mpts/channel
N2810A-01G
Upgrade from 500 Mpts to 1 Gpts/channel
N2810A-02G
Upgrade from 1 to 2 Gpts/channel
Number of channels
Model numbers
Description
Upgrades within the Z-Series family
N2128A
Number of channel upgrade from 1-channel to 2-channel 59 or 63 GHz and 2-channel to 4-channel 33 GHz
Note: Only applies to Infiniium Z-Series models DSAZ632A, DSOZ632A, DSAZ592A, and DSOZ592A. No return to service center is required. Upgrade is software only.
Multi-frame options
Model numbers
Description
Upgrades within the Z-Series family
N2107A
Infiniium Z-Series multi-frame expansion kit from five to six frames
N2106A
Infiniium Z-Series multi-frame expansion kit for adding one frame
N2105A
Infiniium Z-Series multi-frame base kit for stacking two frames
N2109AU
Infiniium Z-Series sync port upgrade kit for 20 to 33 GHz models (> 33 GHz not needed)
Achieve New Extremes (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com