Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 37 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 37 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 33Page - Keysight Technologies N2764BU-059 Datasheet HTML 34Page - Keysight Technologies N2764BU-059 Datasheet HTML 35Page - Keysight Technologies N2764BU-059 Datasheet HTML 36Page - Keysight Technologies N2764BU-059 Datasheet HTML 37Page - Keysight Technologies N2764BU-059 Datasheet HTML 38Page - Keysight Technologies N2764BU-059 Datasheet HTML 39Page - Keysight Technologies N2764BU-059 Datasheet HTML 40Page - Keysight Technologies N2764BU-059 Datasheet HTML 41Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Acquisition
Z204A, Z254A, Z334A
Z592A, Z632A
Z504A, Z594A, Z634A
Maximum real-time sample rate
1 channels
80 GSa/s
160 GSa/s
160 GSa/s
2 channels
80 GSa/s
80 GSa/s
160 GSa/s
4 channels
80 GSa/s
—
80 GSa/s
Memory depth per channel
4 channels (Z204A, Z254A, Z334A, Z504A, Z594A,
Z634A) and 2 channels (Z592A, Z632A)
2 channels (Z204A, Z254A, Z334A, Z504A,
Z594A, Z634A) and 1 channel (Z592A,
Z632A)
Standard
50 Mpts
100 Mpts
Option 100
100 Mpts (standard on DSA models)
200 Mpts (standard on DSA models)
Option 200
200 Mpts
400 Mpts
Option 500
500 Mpts
1 Gpt
Option 01G
1 Gpt
1 Gpt
Option 02G
2 Gpts
2 Gpts
Maximum acquired time at highest real-time resolution
Real-time resolution
80 GSa/s
160 GSa/s
Resolution
12.5 ps
6.25 ps
Standard (20 M)
0.25 ms
0.125 ms
Option 50 M
0.625 ms
0.3125 ms
Option 100
1.25 ms
0.625 ms
Option 200
2.5 ms
1.25 ms
Option 500
6.25 ms
3.125 ms
Option 01G
12.5 ms
6.25 ms
Option 02G
25 ms
12.5 ms
Sampling modes
Real-time
Successive single shot acquisitions
Real-time with averaging
Selectable from 2 to 65534 (Up to 200,000 with function)
Real-time with peak detect
80 GSa/s (Unavailable on RealEdge channels)
Real-time with hi resolution
Real-time boxcar averaging reduces random noise and increases resolution (unavailable on RealEdge
channels)
Equivalent time
Resoution 338 fs
Gaussian magnitude, linear phase
Slower filter roll off while maintaining linear phase
Roll mode
Scrolls sequential waveform points across the display in a right-to-left rolling motion. Works at sample rates
up to 10 MSa/s with a maximum record length of 40 Mpts
Segmented memory
Captures bursting signals at max sample rate without consuming memory during periods of inactivity
Maximum time between triggers is 562,950 seconds
Re-arm time: 2.5 µs
Specifications (Continued)
Filters
Sin(x)/x Interpolation
On/off selectable FIR digital filter (2x, 4x, 8x, 16x settings). Digital signal processing adds points between
acquired data points to enhance measurement accuracy and waveform display
Memory depth:
20 M
50 M
100 M
200 M
500 M
1 G
2 G
Max # of segments: 4096
8192
16384
32768
65536
131072
131072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com