Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 38 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 38 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 34Page - Keysight Technologies N2764BU-059 Datasheet HTML 35Page - Keysight Technologies N2764BU-059 Datasheet HTML 36Page - Keysight Technologies N2764BU-059 Datasheet HTML 37Page - Keysight Technologies N2764BU-059 Datasheet HTML 38Page - Keysight Technologies N2764BU-059 Datasheet HTML 39Page - Keysight Technologies N2764BU-059 Datasheet HTML 40Page - Keysight Technologies N2764BU-059 Datasheet HTML 41Page - Keysight Technologies N2764BU-059 Datasheet HTML 42Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
38 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Hardware trigger
Sensitivity
Internal low: 2.0 div p-p 0 to 22 GHz
Internal high: 0.3 div p-p 0 to 18 GHz, 1.0 div p-p 0 to 22 GHz
Edge trigger bandwidth (Ch1 to Ch4)
> 20 GHz
Edge trigger bandwidth (AUX)
400 MHz
Minimum pulse width trigger
Hardware
250 ps
Software (InfiniiScan)
40 ps
Level range
Internal
± 4 div from center screen or ± 4 V, whichever is smaller
Auxiliary
± 5 V, also limit input signal to ± 5 V
Sweep modes
Auto, triggered, single
Display jitter 2, 3, 4 (Trigger jitter)
170 fs rms
Trigger sources
Channel 1, Channel 2, Channel 3, Channel 4
Trigger modes
Edge
Triggers on a specified slope (rising, falling or alternating between rising and falling) and voltage level on any
channel or auxiliary trigger. Edge trigger bandwidth is > 20 GHz
Edge transition
Trigger on rising or falling edges that cross two voltage levels in > or < the amount of time specified. Edge
transition setting from 250 ps
Edge then edge (Time)
The trigger is qualified by an edge. After a specified time delay between 10 ns to 10 s, a rising or falling edge on
any one selected input will generate the trigger
Edge then edge (Event)
The trigger is qualified by an edge. After a specified delay between 1 to 16,000,000 rising or falling edges,
another rising or falling edge on any one selected input will generate the trigger
Glitch
Triggers on glitches narrower than the other pulses in your waveform by specifying a width less than your
narrowest pulse and a polarity. Triggers on glitches as narrow as 125 ps. Glitch range settings: < 250 ps to < 10 s
Pulse width
Trigger on a pulse that is wider or narrower than the other pulses in your waveform by specifying a pulse width and
a polarity. Triggers on pulse widths as narrow as 125 ps. Pulse width range settings 250 ps to 10 s. Trigger point
can be “end of pulse” or “time out”
Runt
Triggers on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again.
Can be time qualified with minimum setting of 250 ps
1. Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 5 °C from firmware calibration
temperature.
2. Internal edge trigger mode with JitterFree correction. Value depends on scope settings and trigger signal characteristics, and is equal to Time Interval Error
value expressed in the formula above using the minimum Time Scale Accuracy value.
3. Value shown represents typical Display jitter for DSOZ334A at 100 mV/div triggering on 500 mVpp 16 GHz sin wave signal.
4. Sample rate at maximum. Noise and slew rate determined at fixed-voltage trigger threshold, near middle of signal. Displayed signal not vertically clipped.
Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com