Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 7 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 3Page - Keysight Technologies N2764BU-059 Datasheet HTML 4Page - Keysight Technologies N2764BU-059 Datasheet HTML 5Page - Keysight Technologies N2764BU-059 Datasheet HTML 6Page - Keysight Technologies N2764BU-059 Datasheet HTML 7Page - Keysight Technologies N2764BU-059 Datasheet HTML 8Page - Keysight Technologies N2764BU-059 Datasheet HTML 9Page - Keysight Technologies N2764BU-059 Datasheet HTML 10Page - Keysight Technologies N2764BU-059 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
07 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
The Optical Modulation Analyzer
Z-Series oscilloscopes are also available
in combination with the N4391A
optical modulation analyzer as a fully
specified turn-key instrument. This
compact solution offers the highest
bandwidth available on the market and
is the most advanced test solution for
advanced research on 400G and terabit
transmission. Even for the lower 20 GHz
bandwidth range, this compact and
easy-to-use solution is a reference system
for 100G transmission required by R&D
labs working at 100G and beyond. By
providing four channels of up to 63 GHz
bandwidth, the Z-Series saves you the
expense of a second instrument to analyze
dual polarization.
If you prefer to operate with your own
optical receivers but want to benefit from
the enormous analysis capability, you can
get the N4391A’s analysis software as a
standalone package.
Features and benefits
– Up to 63 GHz true analog
bandwidth on four channels by time
synchronizing two 2-channel, 63 GHz
scopes
– Up to 33 GHz true analog bandwidth
on four channels in one scope
– Up to 120 Gbaud symbol rate analysis
– Four times better EVM noise floor
than typical QPSK transmitter
– Compact four channels in turn-key
solution
– Up to four 160 GSa/s real-time
sampling for optimal phase tracking
– Well-defined interface to include your
own MATLAB algorithms
– Customer-configurable APSK and
OFDM decoders
The N4391A offers a powerful toolset to debug the most challenging errors, with tools proven by
thousands of RF engineers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com