Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 34 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 34 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 30Page - Keysight Technologies N2764BU-059 Datasheet HTML 31Page - Keysight Technologies N2764BU-059 Datasheet HTML 32Page - Keysight Technologies N2764BU-059 Datasheet HTML 33Page - Keysight Technologies N2764BU-059 Datasheet HTML 34Page - Keysight Technologies N2764BU-059 Datasheet HTML 35Page - Keysight Technologies N2764BU-059 Datasheet HTML 36Page - Keysight Technologies N2764BU-059 Datasheet HTML 37Page - Keysight Technologies N2764BU-059 Datasheet HTML 38Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Specifications
Vertical
Z204A
Z254A
Z334A
Z504A
Z592A
Z594A
Z632A
Z634A
Typical analog bandwidth (3 dB)
20 GHz
25 GHz
33 GHz
50 GHz
59 GHz
59 GHz
63 GHz
63 GHz
Analog bandwidth (3 dB) *
20 GHz
25 GHz
32 GHz
50 GHz
59 GHz
59 GHz
62 GHz
62 GHz
1-channel sample rate
80 GSa/s
80 GSa/s
80 GSa/s
160 GSa/s 160 GSa/s 160 GSa/s 160 GSa/s 160 GSa/s
2-channel sample rate
80 GSa/s
80 GSa/s
80 GSa/s
160 GSa/s 80 GSa/s
160 GSa/s 80 GSa/s
160 GSa/s
4-channel sample rate
80 GSa/s
80 GSa/s
80 GSa/s
80 GSa/s
—
80 GSa/s
—
80 GSa/s
Rise time/fall time
Z204A
Z254A
Z334A
Z504A
Z592A
Z594A
Z632A
Z634A
10 to 90% 4
22.0 ps
17.6 ps
13.3 ps
8.8 ps
7.5 ps
7.5 ps
7.0 ps
7.0 ps
20 to 80% 5
15.6 ps
12.4 ps
9.4 ps
6.2 ps
5.3 ps
5.3 ps
4.9 ps
4.9 ps
Input impedance 3
50 Ω, ± 3%
Sensitivity 2
1 mV/div to 1 V/div
Input coupling
DC
Vertical resolution 1
8 bits, ≥ 12 bits with averaging
Channel to channel isolation (any two channels
with equal V/div settings)
RealEdge (1.85 mm) channels
DC to 40 GHz: 70 dB
40 GHz to BW: 60 dB
Standard (3.5 mm) channels
DC to BW: 70 dB
DC gain accuracy *
± 2% of full scale at full resolution channel scale (± 2.5% for 5 mV/div)
Maximum input voltage
± 5 V for steady state and transient measurements
RMS noise floor (scope only)
Z204A
Z254A
Z334A
Z504A
Z594A, Z592A Z634A, Z632A
Volts/div
10 mV
0.41 mV (rms)
0.48 mV (rms)
0.60 mV (rms)
0.90 mV (rms)
0.96 mV (rms)
1.0 mV (rms)
50 mV
1.46 mV (rms)
1.7 mV (rms)
2.00 mV (rms)
2.90 mV (rms)
3.15 mV (rms)
3.3 mV (rms)
100 mV
2.90 mV (rms) 3.3 mV (rms)
3.90 mV (rms)
5.70 mV (rms)
6.2 mV (rms)
6.4 mV (rms)
1 V
28.6 mV (rms) 32.5 mV (rms)
38.1 mV (rms)
56.7 mV (rms)
60 mV (rms)
63 mV (rms)
*
Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm up period, and ± 5 °C from annual calibration
temperature.
1. Vertical resolution for 8 bits = 0.4% of full scale, for 12 bits = 0.024% of full scale.
2. Full scale is defined as 8 vertical divisions. Magnification is used below 7.5 mV/div. Below 7.5 mV/div, full-scale is defined as 60 mV/div. The major scale
settings are 5 mV, 10 mV, 20 mV, 50 mV, 100 mV, 200 mV, 500 mV, and 1 V.
3. Input impedance is valid when V/div scaling is adjusted to show all waveform vertical values within scope display.
4. Rise time calculated by using 0.44/BW for (10 to 90%) rise time.
5. Rise time calculated by using 0.31/BW for (20 to 80%) rise time.
Offset range
Vertical sensitivity
Available offset
Available offset (oscilloscope with
N7010A voltage termination adapter)
1 to 49 mV/div
± 0.4 V
± 4 V
50 to 79 mV/div
± 0.7 V
± 4 V
80 to 134 mV/div
± 1.2 V
± 4 V
135 to 239 mV/div
± 2.2 V
± 4 V
240 mV/div to 1 V/div
± 4.0 V
± 4 V
Offset accuracy *
≤ 3.5 V: ± (2% of channel offset + 1% of full scale) + 1 mV
> 3.5 V: ± (2% of channel offset + 1% of full scale)
Dynamic range
± 4 div from center screen
DC voltage measurement accuracy
Dual cursor: ± [(DC gain accuracy) + (resolution)]
Single cursor: ± [(DC gain accuracy) + (offset accuracy) + (resolution/2)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com