Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2764BU-059 Datasheet(PDF) 18 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 18 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 14Page - Keysight Technologies N2764BU-059 Datasheet HTML 15Page - Keysight Technologies N2764BU-059 Datasheet HTML 16Page - Keysight Technologies N2764BU-059 Datasheet HTML 17Page - Keysight Technologies N2764BU-059 Datasheet HTML 18Page - Keysight Technologies N2764BU-059 Datasheet HTML 19Page - Keysight Technologies N2764BU-059 Datasheet HTML 20Page - Keysight Technologies N2764BU-059 Datasheet HTML 21Page - Keysight Technologies N2764BU-059 Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Analysis Tools: PrecisionProbe Basic and Advanced (N2809A and N2807B)
PCI Express measurement comparisons
Root complex device
Eye height (mV)
Eye height PrecisionProbe
Gain (%)
2.5 GT/s 12 GHz
517.19
553.94
7.1
5 GT/s_12 GHz_3.5 dB
312.22
348.19
11.5
5 GT/s_12 GHz_6 dB
341.1
376
10.2
5 GT/s_16 GHz_3.5 dB
306.6
348.33
13.6
5 GT/s_16 GHz_6 dB
344.4
374.41
8.7
8 GT/s_12 GHz_P7
96.83
103.09
6.5
8 GT/s_12 GHz_P8
100.16
108.33
8.2
8 GT/s_16 GHz_P7
96.92
106.01
9.4
8 GT/s_16 GHz_P8
100.24
108.24
8.0
By characterizing and compensating for cable loss on the cable connected to the PCI
Express test fixture, the designer was able to gain between 6.5 and 13.6% margin that
would have been lost otherwise.
Every Z-Series oscilloscope has Keysight’s
custom indium phosphide (InP) fast edge.
Turn your Z-Series oscilloscope
into a time-domain
transmissometry (TDT). Quickly
characterize and compensate
any input into your scope.
PrecisionProbe technology turns
your oscilloscope into the ultimate
characterization tool. Not only can you
do the normal waveform transformations
such as de-embedding through
InfiniiSim, PrecisionProbe allows quick
characterization of your entire probe
system (including cables and switches)
without the need for extra equipment.
PrecisionProbe takes advantage of the fast
“cal output” signal built into the Z-Series
to characterize and compensate insertion
loss on the measurement system.
PrecisionProbe technology:
– Properly creates custom probe
transfer function = VOut/VIn
– Properly characterizes probed
system transfer function such that
VOut/VIn = VOut/VSrc
– Removes unwanted S21 cable loss
Now every probe and cable in the system can have the exact same response — probe to
probe or cable to cable — without the inaccuracies that using one model can produce.
You can properly characterize custom probes and remove unwanted responses. In
addition to characterizing the cables, PrecisionProbe allows for immediate use on the
same instrument. PrecisionProbe saves you time and money while increasing your
measurement accuracy.
When you combine InfiniiMax probes with switches between the amplifier and the probe
head, PrecisionProbe allows for full correction and automation of each probe’s path.
Full automation is then available to allow for quick swapping of the inputs via Infiniium’s
compliance framework. For increased accuracy, purchase PrecisionProbe Advanced for
faster edge speeds and true differential measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com