Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 7 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 7 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 3Page - Linear Technology LTP5901-IPR Datasheet HTML 4Page - Linear Technology LTP5901-IPR Datasheet HTML 5Page - Linear Technology LTP5901-IPR Datasheet HTML 6Page - Linear Technology LTP5901-IPR Datasheet HTML 7Page - Linear Technology LTP5901-IPR Datasheet HTML 8Page - Linear Technology LTP5901-IPR Datasheet HTML 9Page - Linear Technology LTP5901-IPR Datasheet HTML 10Page - Linear Technology LTP5901-IPR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
7
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Power
High Calibrated Setting
Low Calibrated Setting
Delivered to a 50Ω Load
8
0
dBm
dBm
Spurious Emissions
30MHz to 1000MHz
1GHz to 12.75GHz
2.4GHz ISM Upper Band Edge (Peak)
2.4GHz ISM Upper Band Edge (Average)
2.4GHz ISM Lower Band Edge
Conducted Measurement with a 50Ω Single-Ended
Load, 8dBm Output Power. All Measurements Made
with Max Hold.
RBW = 120kHz, VBW = 100Hz
RBW = 1MHz, VBW = 3MHz
RBW = 1MHz, VBW = 3MHz
RBW = 1MHz, VBW = 10Hz
RBW = 100kHz, VBW = 100kHz
< –70
–45
–37
–49
–45
dBm
dBm
dBm
dBm
dBc
Harmonic Emissions
2nd Harmonic
3rd Harmonic
Conducted Measurement Delivered to a 50Ω Load,
Resolution Bandwidth = 1MHz, Video Bandwidth =
1MHz.
–50
–45
dBm
dBm
raDio TransmiTTer characTerisTics The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
UNITS
VIL
Low Level Input Voltage
l
–0.3
0.6
V
VIH
High Level Input Voltage
(Note 8)
l
VSUPPLY
– 0.3
VSUPPLY
+ 0.3
V
VOL
Low Level Output Voltage
Type 1, IOL(MAX) = 1.2mA
l
0.4
V
VOH
High Level Output Voltage
Type 1, IOH(MAX) = –0.8mA
l
VSUPPLY
– 0.3
VSUPPLY
+ 0.3
V
VOL
Low Level Output Voltage
Type 2, Low Drive, IOL(MAX) = 2.2mA
l
0.4
V
VOH
High Level Output Voltage
Type 2, Low Drive, IOH(MAX) = –1.6mA
l
VSUPPLY
– 0.3
VSUPPLY
+ 0.3
V
VOL
Low Level Output Voltage
Type 2, High Drive, IOL(MAX) = 4.5mA
l
0.4
V
VOH
High Level Output Voltage
Type 2, High Drive, IOH(MAX) = –3.2mA
l
VSUPPLY
– 0.3
VSUPPLY
+ 0.3
V
Input Leakage Current
Input Driven to VSUPPLY or GND
50
nA
Pull-Up/Pull-Down Resistance
50
kΩ
DigiTal i/o characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Offset
Temperature Offset Error at 25°C
±0.25
°C
Slope Error
±0.033
°C/°C
TemperaTure sensor characTerisTics The
l
denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com