Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 14 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 14 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 10Page - Linear Technology LTP5901-IPR Datasheet HTML 11Page - Linear Technology LTP5901-IPR Datasheet HTML 12Page - Linear Technology LTP5901-IPR Datasheet HTML 13Page - Linear Technology LTP5901-IPR Datasheet HTML 14Page - Linear Technology LTP5901-IPR Datasheet HTML 15Page - Linear Technology LTP5901-IPR Datasheet HTML 16Page - Linear Technology LTP5901-IPR Datasheet HTML 17Page - Linear Technology LTP5901-IPR Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
14
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Typical perFormance characTerisTics
In mesh networks data can propagate from the manager
to the nodes, downstream, or from the motes to the man-
ager, upstream, via a sequence of transmissions from one
device to the next. As shown in Figure 8, data originating
from mote P1 may propagate to the manager directly or
through P2. As mote P1 may directly communicate with
the manager, mote P1 is referred to as a 1-hop mote. Data
originatingfrommoteD1,mustpropagatethroughatleast
one other mote, P2 or P1, and as a result is referred to as
a 2-hop mote. The fewest number of hops from a mote to
the manager determines the hop depth.
As described in the Application Time Synchronization
section,Eternaprovidestwomechanismsforapplications
to maintain a time base across a network. The synchro-
nization performance plots that follow were generated
using the more precise TIMEn input. Publishing rate is
the rate a mote application sends upstream data. Syn-
chronization improves as the publishing rate increases.
Baseline synchronization performance is provided for a
network operating with a publishing rate of zero. Actual
performance for applications in network will improve
as publishing rates increase. All synchronization testing
was performed with the 1-hop mote inside a temperature
chamber. Timing errors due to temperature changes and
temperature differences both between the manager and
this mote and between this mote and its descendents
therefore propagated down through the network. The
synchronization of the 3-hop and 5-hop motes to the
manager was thus affected by the temperature ramps
even though they were at room temperature. For 2°C/
minute testing the temperature chamber was cycled
between –40°C and 85°C at this rate for 24 hours. For
8°C/minute testing, the temperature chamber was rapidly
cycled between 85°C and 45°C for eight hours, followed
by rapid cycling between –5°C and 45°C for eight hours,
and lastly, rapid cycling between –40°C and 15°C for
eight hours.
Figure 8. Example Network Graph
Figure 7a. Supply Current vs Packet Rate
Figure 7b. Packet Latency vs Reporting Interval
PACKET RATE (PACKETS/s)
0
0
0.8
1.0
1.2
2.0
59012IPR F07a
0.6
0.4
0.2
1.6
1.8
1.4
30
5
10
15
20
25
REPORTING INTERVAL (s)
0
0
1.0
1.5
2.5
59012IPR F07b
0.5
2.0
30
5
10
15
20
25
5 HOPS
4 HOPS
3 HOPS
2 HOPS
1 Hop
MANAGER
1 HOP
2 HOP
3 HOP
5800IPM F08
P1
P2
P3
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com