Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 25 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 25 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 21Page - Linear Technology LTP5901-IPR Datasheet HTML 22Page - Linear Technology LTP5901-IPR Datasheet HTML 23Page - Linear Technology LTP5901-IPR Datasheet HTML 24Page - Linear Technology LTP5901-IPR Datasheet HTML 25Page - Linear Technology LTP5901-IPR Datasheet HTML 26Page - Linear Technology LTP5901-IPR Datasheet HTML 27Page - Linear Technology LTP5901-IPR Datasheet HTML 28Page - Linear Technology LTP5901-IPR Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
25
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Figure 11. UART Mode 4 Transmit Flow Control
operaTion
The UART_TX_CTSn signal may be actively driven by the
companion processor when ready to receive a packet or
UART_TX_CTSn may be tied low if the companion pro-
cessor is always ready to receive a packet. After detecting
a logic ‘0’ on UART_TX_CTSn Eterna sends the entire
packet. Following the transmission of the final byte in
the packet Eterna negates UART_TX_RTSn and waits for
tTX_INTERPACKET, defined in the UART AC Characteristics
section, before asserting UART_TX_RTSn again.
For details on the timing of the UART protocol, see the
UART AC Characteristics section.
to remain inactive during the majority of the radio activity.
The autonomous MAC, provides software-independent
timing control of the radio and radio-related functions,
resultinginsuperiorreliabilityandexceptionallylowpower.
SECURITY
Network security is an often overlooked component of a
complete network solution. Proper implementation of se-
curity protocols is significant in terms of both engineering
effort and market value in an OEM product. Eterna system
solutionsprovideaFIPS-197validatedencryptionscheme
that includes authentication and encryption at the MAC
and network layers with separate keys for each mote.
This not only yields end-to-end security, but if a mote is
somehowcompromised,communicationfromothermotes
is still secure. A mechanism for secure key exchange al-
lows keys to be kept fresh. To prevent physical attacks,
Eternaincludeshardwaresupportforelectronicallylocking
devices, thereby preventing access to Eterna’s flash and
RAM memory and thus the keys and code stored therein.
TEMPERATURE SENSOR
Eterna includes a calibrated temperature sensor on chip.
The temperature readings are available locally through
Eterna’s serial API, in addition to being available via the
network manager. The performance characteristics of
the temperature sensor can be found in the Temperature
Sensor Characteristics section.
RADIO INHIBIT
The RADIO_INHIBIT input enables an external control-
ler to temporarily disable the radio software drivers (for
example, to take a sensor reading that is susceptible to
radio interference). When RADIO_INHIBIT is asserted
the software radio drivers will disallow radio operations
including clear channel assessment, packet transmits, or
packet receipts. If the radio is active in the current time
slot when RADIO_INHIBIT is asserted the radio will be
disabled after the present operation completes. For details
on the timing associated with RADIO_INHIBIT, see the
RADIO_INHIBIT AC Characteristics section.
CLI UART
The command line interface (CLI) UART port is a two
wire protocol (TX and RX) that operates at a fixed 9600
baud rate with one stop bit and no parity. The CLI UART
interfaceisintendedtosupportcommandlineinstructions
and response activity.
AUTONOMOUS MAC
Eterna was designed as a system solution to provide a
reliable, ultralow power, and secure network. A reliable
network capable of dynamically optimizing operation
over changing environments requires solutions that are
far too complex to completely support through hardware
acceleration alone. As described in the Precision Timing
section,propertimemanagementisessentialforoptimizing
a solution that is both low power and reliable. To address
theserequirementsEternaincludestheautonomousMAC,
which incorporates a coprocessor for controlling all of
the time-critical radio operations. The autonomous MAC
provides two benefits: first, preventing variable software
latency from affecting network timing and second, greatly
reducing system power consumption by allowing the CPU
59012IPR F11
UART_TX
BYTE 0
BYTE 1
UART_TX_CTSn
UART_TX_RTSn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com