Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 8 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 8 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 4Page - Linear Technology LTP5901-IPR Datasheet HTML 5Page - Linear Technology LTP5901-IPR Datasheet HTML 6Page - Linear Technology LTP5901-IPR Datasheet HTML 7Page - Linear Technology LTP5901-IPR Datasheet HTML 8Page - Linear Technology LTP5901-IPR Datasheet HTML 9Page - Linear Technology LTP5901-IPR Datasheet HTML 10Page - Linear Technology LTP5901-IPR Datasheet HTML 11Page - Linear Technology LTP5901-IPR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
8
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
sysTem characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
UNITS
Permitted Rx Baud Rate Error
Both Application Programming Interface
(API) and Command Line Interface (CLI)
UARTs
l
–2
2
%
Generated Tx Baud Rate Error
Both API and CLI UARTs
l
–1
1
%
tRX_RTS to RX_CTS
Assertion of UART_RX_RTSn to Assertion of
UART_RX_CTSn, or Negation of UART_RX_
RTSn to Negation of UART_RX_CTSn
l
0
2
ms
tRX_CTS to RX
Assertion of UART_RX_CTSn to Start of Byte
l
0
20
ms
tEOP to RX_RTS
End of Packet (End of the Last Stop Bit) to
Negation of UART_RX_RTSn
l
0
22
ms
tBEG_TX_RTS to TX_CTS Assertion of UART_TX_RTSn to Assertion of
UART_TX_CTSn
l
0
22
ms
tEND_TX_CTS to TX_RTS Negation of UART_TX_CTSn to Negation of
UART_TX_RTSn
2
Bit
Period
tTX_CTS to TX
Assertion of UART_TX_CTSn to Start of Byte
l
0
2
Bit
Period
tEOP to TX_RTS
End of Packet (End of the Last Stop Bit) to
Negation of UART_TX_RTSn
l
0
1
Bit
Period
tRX_INTERBYTE
Receive Inter-Byte Delay
l
100
ms
tRX_INTERPACKET
Receive Inter-Packet Delay
l
20
ms
tTX_INTERPACKET
Transmit Inter-Packet Delay
l
1
Bit
Period
tTX to TX_CTS
Start of Byte to Negation of UART_TX_CTSn
l
0
µs
uarT ac characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 12)
SYMBOL PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
UNITS
Doze to Active State Transmit
5
µs
Doze to Radio Tx or Rx
1.2
ms
QCCA
Charge to Sample RF Channel RSSI
Charge Consumed Starting from Doze State
and Completing an RSSI Measurement
4
µC
QMAX
Largest Atomic Charge Operation
Flash Erase, 21ms Max Duration
l
200
µC
RESETn Pulse Width
l
125
µs
Total Capacitance
Note 12
l
6
µF
Total Inductance
Note 12
l
3
µH
Number of Nodes in Network (Note 12)
Without external SRAM
With external SRAM
l
32
100
Motes
Motes
Network Upstream Throughput (Note 12)
Without external SRAM
With external SRAM
l
24
36
Pkts/s
Pkts/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com