Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 1 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 1 Page - Linear Technology

  LTP5901-IPR Datasheet HTML 1Page - Linear Technology LTP5901-IPR Datasheet HTML 2Page - Linear Technology LTP5901-IPR Datasheet HTML 3Page - Linear Technology LTP5901-IPR Datasheet HTML 4Page - Linear Technology LTP5901-IPR Datasheet HTML 5Page - Linear Technology LTP5901-IPR Datasheet HTML 6Page - Linear Technology LTP5901-IPR Datasheet HTML 7Page - Linear Technology LTP5901-IPR Datasheet HTML 8Page - Linear Technology LTP5901-IPR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
1
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Typical applicaTion
neTwork FeaTures
DescripTion
SmartMesh IP Network Manager
2.4GHz 802.15.4e
Wireless Embedded Manager
lTp5901/2-ipr FeaTures
n
Complete Radio Transceiver, Embedded Processor,
and Networking Software for Forming a Self-Healing
Mesh Network
n
SmartMesh® Networks Incorporate:
n
Time Synchronized Network-Wide Scheduling
n
Per Transmission Frequency Hopping
n
Redundant Spatially Diverse Topologies
n
Network-Wide Reliability and Power Optimization
n
NIST Certified Security
n
SmartMesh Networks Deliver:
n
>99.999% Network Reliability Achieved in the
Most Challenging RF Environments
n
Sub 50µA Routing Nodes
n
Compliant to 6LoWPAN Internet Protocol (IP) and
IEEE 802.15.4e Standards
n
Manages Networks of Up to 100 Nodes
n
Sub 1mA Average Current Consumption Enables
Battery Powered Network Management
n
RF Modular Certification Include USA, Canada, EU,
Japan, Taiwan, Korea, India, Australia and New
Zealand
n
PCB Assembly with Chip Antenna (LTP5901-IPR) or
with MMCX Antenna Connector (LTP5902-IPR)
SmartMesh IP™ wireless sensor networks are self man-
aging, low power internet protocol (IP) networks built
from wireless nodes called motes. The LTP™5901-IPR/
LTP5902-IPR is the IP manager product in the Eterna®*
family of IEEE 802.15.4e printed circuit board assembly
solutions, featuring a highly integrated, low power radio
design by Dust Networks® as well as an ARM Cortex-M3
32-bit microprocessor running Dust’s embedded Smart-
Mesh IP networking software.
Based on the IETF 6LoWPAN and IEEE-802.15.4e stan-
dards, the LTP5901/2-IPR runs SmartMesh IP network
management software to monitor and manage network
performance and provide a data ingress/egress point via
a UART interface. The SmartMesh IP software provided
with the LTP5901/2-IPR is fully tested and validated, and
is readily configured via a software application program-
minginterface.WithDust’stime-synchronizedSmartMesh
IP networks, all motes in the network may route, source
or terminate data, while providing many years of battery
powered operation.
SmartMesh IP motes deliver a highly flexible network
with proven reliability and low power performance in an
easy-to-integrate platform.
L
, LT, LTC, LTM, Linear Technology, Dust, Dust Networks, Eterna, SmartMesh and the
Linear logo are registered trademarks and LTP, SmartMesh IP and the Dust Networks logo are
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 7375594, 7420980, 7529217, 7791419,
7881239, 7898322, 8222965.
* Eterna is Dust Networks’ low power radio SoC architecture.
59012IPR TA01
µCONTROLLER
SENSOR
IN+
IN–
SPI
LTC®2379-18
LTP5901/2-IPM
UART
UART
MOTE
EXPANDED VIEW
ANTENNA
LTP5901-IPR
HOST
APPLICATION


Similar Part No. - LTP5901-IPR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
More results

Similar Description - LTP5901-IPR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
2.4 GHz 802.15.4 Embedded Network Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5901-IPM LINER-LTP5901-IPM_15 Datasheet
732Kb / 32P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5902-IPM LINER-LTP5902-IPM_15 Datasheet
732Kb / 32P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
logo
Level One
IAT-1900 LVL1-IAT-1900 Datasheet
229Kb / 2P
IP Audiocast Manager
logo
Linear Technology
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com