Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 20 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 20 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 16Page - Linear Technology LTP5901-IPR Datasheet HTML 17Page - Linear Technology LTP5901-IPR Datasheet HTML 18Page - Linear Technology LTP5901-IPR Datasheet HTML 19Page - Linear Technology LTP5901-IPR Datasheet HTML 20Page - Linear Technology LTP5901-IPR Datasheet HTML 21Page - Linear Technology LTP5901-IPR Datasheet HTML 22Page - Linear Technology LTP5901-IPR Datasheet HTML 23Page - Linear Technology LTP5901-IPR Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
20
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
pin FuncTions
NO SPECIAL PURPOSE
TYPE
I/O
PULL DESCRIPTION
63 TIMEn
1 (Note 13)
I
-
Time Capture Request, Active Low
NO CLI AND EXTERNAL MEMORY
TYPE
I/O
PULL DESCRIPTION
25 EB_DATA_7
1
I/O
-
External Bus Data Bit 7
26 EB_DATA_6
1
I/O
-
External Bus Data Bit 6
27 EB_DATA_4
1
I/O
-
External Bus Data Bit 4
28 EB_DATA_0
1
I/O
-
External Bus Data Bit 0
31 UARTC0_TX
EB_IO_LE0
2
O
O
-
CLI UART 0 Transmit
External Bus I/O Latch Enable 0 for External Address Bits A[25:18]
32 UARTC0_RX
EB_DATA_1
1
I
I/O
-
CLI UART 0 Receive
External Bus Data Bit 1
38 EB_IO_LE2
1
O
-
External Bus I/O Latch Enable 2 for External Address Bits A[9:2]
40 EB_ADDR_1
2
O
-
External Bus Address Bit 1
41 EB_ADDR_0
2
O
-
External Bus Address Bit 0
43 EB_DATA_3
1
I/O
-
External Bus Data Bit 3
44 EB_DATA_2
1
I/O
-
External Bus Data Bit 2
45 EB_DATA_5
1
I/O
-
External Bus Data Bit 5
46 EB_IO_CS0n
2
O
-
External Bus Chip Select 0
47 UARTC1_TX
2
O
-
CLI UART 1 Transmit
48 UARTC1_RX
1
I
-
CLI UART 1 Receive
49 EB_IO_WEn
2
O
-
External Bus Write Enable Strobe
50 EB_IO_OEn
2
O
-
External Bus Output Enable Strobe
NO IPCS SPI/FLASH PROGRAMMING (NOTE 14)
TYPE
I/O
PULL DESCRIPTION
33 IPCS_MISO
2
O
-
SPI Flash Emulation (MISO) Master in Slave Out Port
35 IPCS_MOSI
1
I
-
SPI Flash Emulation (MOSI) Master Out Slave in Port
36 IPCS_SCK
1
I
-
SPI Flash Emulation (SCK) Serial Clock Port
39 IPCS_SSn
1
I
-
SPI Flash Emulation Slave Select, Active Low
51 FLASH_P_ENn
EB_IO_LE1
1
I
O
UP
UP
Flash Program Enable, Active Low
External Bus I/O Latch Enable 1
NO API UART
TYPE
I/O
PULL DESCRIPTION
57 UART_RX_RTSn
1 (Note 13)
I
-
UART Receive (RTS) Request to Send, Active Low
58 UART_RX_CTSn
1
O
-
UART Receive (CTS) Clear to Send, Active Low
59 UART_RX
1 (Note 13)
I
-
UART Receive
60 UART_TX_RTSn
1
O
-
UART Transmit (RTS) Request to Send, Active Low
61 UART_TX_CTSn
1 (Note 13)
I
-
UART Transmit (CTS) Clear to Send, Active Low
62 UART_TX
2
O
-
UART Transmit
Note 13: These inputs are always enabled and must be driven or pulled to
a valid state to avoid leakage.
Note 14: Embedded programming over the IPCS SPI bus is only available
when RESETn is asserted.
Pin functions shown in italics are currently not supported in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com